Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM4B-RKW Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM4B-RKW
Description  1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4B-RKW Datasheet(HTML) 4 Page - Cree, Inc

  CLM4B-RKW_2 Datasheet HTML 1Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 2Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 3Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 4Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 5Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 6Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 7Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CLD-CT1087.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CLM4B-RKW-CWaXbAA3
120
1120
2800
RA
618
RA
630
Red
CLM4B-RKW-CWbXbAA3
120
1400
2800
RA
618
RA
630
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
CLM4B-AKW-CWaXb263
120
1120
2800
A2
584
A6
599
Amber
CLM4B-AKW-CWbXb353
120
1400
2800
A3
587
A5
596
Notes:
1. The above kit numbers represent order codes which include multiple intensity-bin and color-bin codes.
Only one intensity-bin code and one color-bin code will be shipped on each reel.
Single intensity-bin code and single color-bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLM4B-RKW_2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-RKW-CWaXbAA3 MARKTECH-CLM4B-RKW-CWaXbAA3 Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKW-CWbXbAA3 MARKTECH-CLM4B-RKW-CWbXbAA3 Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B-RKW_2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3A-WKW CREE-CLM3A-WKW Datasheet
376Kb / 10P
   1-in-1 SMD LED
CLM4B-PKW CREE-CLM4B-PKW Datasheet
420Kb / 8P
   1 in 1 SMD LED
CLM2B-REW CREE-CLM2B-REW Datasheet
484Kb / 8P
   1 in 1 SMD LED
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM4B-BKW CREE-CLM4B-BKW Datasheet
287Kb / 6P
   PLCC4 1-in-1 SMD LED
CLM2D-CPC CREE-CLM2D-CPC Datasheet
812Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-GPC CREE-CLM2D-GPC Datasheet
826Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-RPC CREE-CLM2D-RPC Datasheet
817Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com