Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2B-REW-CXbZ0AA3 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLM2B-REW-CXbZ0AA3
Description  1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2B-REW-CXbZ0AA3 Datasheet(HTML) 3 Page - Cree, Inc

  CLM2B-REW-CXbZ0AA3 Datasheet HTML 1Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 2Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 3Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 4Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 5Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 6Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 7Page - Cree, Inc CLM2B-REW-CXbZ0AA3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1086.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 50 mA)
Red
Bin Code
Min.(mcd)
Max.(mcd)
Xb
2240
2800
Ya
2800
3550
Yb
3550
4500
Z0
4500
5600
Color Bin Limit (I
F = 50 mA)
Amber
Bin Code
Min.(mcd)
Max.(mcd)
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
B0
7100
9000
• Tolerance of measurement of luminous
Intensity is ±10%.
Red
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
Amber
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
• Tolerance of measurement of dominant wavelength is ±1 nm


Similar Part No. - CLM2B-REW-CXbZ0AA3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B-REW-CXbZ0AA3 MARKTECH-CLM2B-REW-CXbZ0AA3 Datasheet
484Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM2B-REW-CXbZ0AA3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3A-WKW CREE-CLM3A-WKW Datasheet
376Kb / 10P
   1-in-1 SMD LED
CLM4B-PKW CREE-CLM4B-PKW Datasheet
420Kb / 8P
   1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW_2 Datasheet
439Kb / 8P
   1 in 1 SMD LED
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM4B-BKW CREE-CLM4B-BKW Datasheet
287Kb / 6P
   PLCC4 1-in-1 SMD LED
CLM2D-CPC CREE-CLM2D-CPC Datasheet
812Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-GPC CREE-CLM2D-GPC Datasheet
826Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-RPC CREE-CLM2D-RPC Datasheet
817Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com