Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM1C-WKW-CVbWb233 Datasheet(PDF) 6 Page - Cree, Inc

Part # CLM1C-WKW-CVbWb233
Description  White SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1C-WKW-CVbWb233 Datasheet(HTML) 6 Page - Cree, Inc

  CLM1C-WKW-CVbWb233 Datasheet HTML 1Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 2Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 3Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 4Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 5Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 6Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 7Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 8Page - Cree, Inc CLM1C-WKW-CVbWb233 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image

CLD-CT879.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
FORWARD CURRENT
IF(mA)
VF(V)
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
IF (mA)
0.0
1.0
4.0
2.0
3.0
5.0
20
0
10
40
30
50
0
30
10
20
50
40
40
20
80
60
100
0
Ta( C)
FIG.5 MAXIMUM FORWARD DCCURRENT VS AMBIENT
TEMPERATURE (Tjmax=110 C)
-10
VS. REVERSE VOLTAGE.
FIG.3 REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
3.6
2.8
3.2
3.0
3.4
3.8
10.0
20.0
40.0
30.0
50.0
0
0.0
Rth j-a=450 C/W
Rth j-s=300 C/W
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
30
60
90
50% Power Angle : 120
IV(%)
Angle
IV(%)


Similar Part No. - CLM1C-WKW-CVbWb233

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1C-WKW-CVbWb233 MARKTECH-CLM1C-WKW-CVbWb233 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CLM1C-WKW-CVbWb233

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DDW-UJ2-TU1-1 ROITHNER-DDW-UJ2-TU1-1 Datasheet
210Kb / 7P
   white SMD LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C Datasheet
600Kb / 9P
   PLCC2 White SMD LED
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
429Kb / 7P
   PLCC2 White SMD LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
   PLCC2 White SMD LED
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
   White SMD Chip LED Lamps
2006/10/18
logo
Opto Electronics Co,. L...
OSW44LS1C1A E-OEC-OSW44LS1C1A Datasheet
106Kb / 1P
   3.5x2.8x1.9mm Cool White SMD LED
logo
OptoSupply Internationa...
OSW44LS1C1A OPTOSUPPLY-OSW44LS1C1A Datasheet
106Kb / 1P
   3.5x2.8x1.9mm Cool White SMD LED
OSW5DLS1C1A OPTOSUPPLY-OSW5DLS1C1A_11 Datasheet
105Kb / 1P
   3.5x2.8x1.9mm Cool White SMD LED
OSW44LS1C1A OPTOSUPPLY-OSW44LS1C1A_12 Datasheet
110Kb / 1P
   3.5x2.8x1.9mm Pure White SMD LED
logo
P-tec Corporation
PL1011SN-WCCW P-TEC-PL1011SN-WCCW Datasheet
33Kb / 1P
   High Power White SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com