Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH32N60BD1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH32N60BD1
Description  HiPerFAST IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N60BD1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH32N60BD1 Datasheet HTML 1Page - IXYS Corporation IXGH32N60BD1 Datasheet HTML 2Page - IXYS Corporation IXGH32N60BD1 Datasheet HTML 3Page - IXYS Corporation IXGH32N60BD1 Datasheet HTML 4Page - IXYS Corporation IXGH32N60BD1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C = IC90; VCE = 10 V,
15
25
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
2700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
32N60B
210
pF
32N60BD1
240
pF
C
res
50
pF
Q
G
110
150
nC
Q
GE
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
23
35
nC
Q
GC
40
75
nC
t
d(on)
25
ns
t
ri
20
ns
t
d(off)
100
200
ns
t
fi
80
150
ns
E
off
0.6
1.2
mJ
t
d(on)
25
ns
t
ri
25
ns
E
on
32N60B
0.3
mJ
32N60BD1
1.0
mJ
t
d(off)
120
ns
t
fi
120
ns
E
off
1.2
mJ
R
thJC
0.62 K/W
R
thCK
TO-247
0.25
K/W
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = IC90, VGE = 0 V,
T
J = 150°C
1.6
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 % T
J
= 25
°C
2.5
V
I
RM
I
F = IC90, VGE = 0 V, -diF/dt = 100 A/µs6
A
t
rr
V
R = 360 V
T
J = 125°C
100
ns
I
F = 1 A; -di/dt = 100 A/µs; VR = 30 V
T
J =
25
°C25
ns
R
thJC
1.0 K/W
Inductive load, T
J = 25°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE
= 0.8 V
CES, RG = Roff = 4.7 Ω
Remarks: Switching times may increase for
V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE
= 0.8 V
CES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
IXGH 32N60B IXGH 32N60BD1
IXGT 32N60B
IXGT 32N60BD1
TO-247 AD (IXGH) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
TO-268AA (D3 PAK)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161


Similar Part No. - IXGH32N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N60BD1 IXYS-IXGH32N60BD1 Datasheet
69Kb / 2P
   HiPerFAST IGBTwith Diode
More results

Similar Description - IXGH32N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
   HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGK35N120C IXYS-IXGK35N120C Datasheet
128Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com