Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGX28N140B3H1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGX28N140B3H1
Description  GenX3 1400V IGBTs w/ Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX28N140B3H1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGX28N140B3H1 Datasheet HTML 1Page - IXYS Corporation IXGX28N140B3H1 Datasheet HTML 2Page - IXYS Corporation IXGX28N140B3H1 Datasheet HTML 3Page - IXYS Corporation IXGX28N140B3H1 Datasheet HTML 4Page - IXYS Corporation IXGX28N140B3H1 Datasheet HTML 5Page - IXYS Corporation IXGX28N140B3H1 Datasheet HTML 6Page - IXYS Corporation IXGX28N140B3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGH28N140B3H1 IXGK28N140B3H1
IXGX28N140B3H1
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
2
4
6
8
10
12
14
16
18
0
102030405060
70
RG - Ohms
3
5
7
9
11
13
15
17
19
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 960V
I C = 28A
I C = 56A
I C = 14A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
550
600
650
700
750
800
0
10
20
30
40506070
RG - Ohms
0
200
400
600
800
1000
t fi
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 960V
I C = 56A
I C = 28A
Fig. 13. Inductive Swiching Energy Loss vs.
Collector Current
0
2
4
6
8
10
12
14
10
15
20
25
30
35
40
45
50
55
60
IC - Amperes
0
2
4
6
8
10
12
14
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Swiching Energy Loss vs.
Junction Temperature
0
2
4
6
8
10
12
14
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0
2
4
6
8
10
12
14
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
I C = 28A
I C = 56A
I C = 14A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
0
200
400
600
800
1000
1200
10
15
20
25
30
35
40
45
50
55
60
IC - Amperes
50
100
150
200
250
300
350
t fi
td(off) - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
200
300
400
500
600
700
800
900
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
100
130
160
190
220
250
280
310
t fi
td(off) - - - -
RG = 5, VGE = 15V
VCE = 960V
I C = 28A
I C = 56A


Similar Part No. - IXGX28N140B3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX120N120A3 IXYS-IXGX120N120A3 Datasheet
222Kb / 6P
   GenX3 A3-Class IGBTs
IXGX120N120B3 IXYS-IXGX120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGX120N60A3 IXYS-IXGX120N60A3 Datasheet
219Kb / 6P
   GenX3 A3-Class IGBTS
IXGX120N60A3 IXYS-IXGX120N60A3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
More results

Similar Description - IXGX28N140B3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
   GenX3 1400V IGBTs w/ Diode
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com