Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27-21-BHC-AP1Q2-3C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 27-21-BHC-AP1Q2-3C
Description  Chip LED with Right Angle Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

27-21-BHC-AP1Q2-3C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 27-21-BHC-AP1Q2-3C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:12.0
EVERLIGHT ELECTRONICS CO.,LTD.
27-21/BHC-AP1Q2/3C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 7 of 10
Device No:SZDSE-271-B17
Prepared date: 15-Apr-2008
Prepared by: Xiao XiaoLi
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 27-21-BHC-AP1Q2-3C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
27-21-BHC-AP1Q2-3C TO-GRACE-27-21-BHC-AP1Q2-3C Datasheet
1Mb / 10P
   Chip LED with Right Angle Lens
More results

Similar Description - 27-21-BHC-AP1Q2-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
27-21-T1D-CQ1R2NW-3C EVERLIGHT-27-21-T1D-CQ1R2NW-3C Datasheet
172Kb / 12P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-AN1P2-2C EVERLIGHT-12-21C-BHC-AN1P2-2C Datasheet
198Kb / 10P
   Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C_04 Datasheet
143Kb / 10P
   Chip LED with Right Angle Lens
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
12-215-Y2C-CP1Q2B-3C EVERLIGHT-12-215-Y2C-CP1Q2B-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
   Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
   Chip LED with Right Angle Lens
12-215-BHC-XL1M2HY-3C EVERLIGHT-12-215-BHC-XL1M2HY-3C Datasheet
139Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-YL1M2HY-2C EVERLIGHT-12-21C-BHC-YL1M2HY-2C_11 Datasheet
203Kb / 10P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com