Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25-21-T1D-ANQHY-2A Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 25-21-T1D-ANQHY-2A
Description  Reverse Package Chip LED with Inner Lens
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

25-21-T1D-ANQHY-2A Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 25-21-T1D-ANQHY-2A Datasheet HTML 4Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 5Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 6Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 7Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 8Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 9Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 10Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 11Page - Everlight Electronics Co., Ltd 25-21-T1D-ANQHY-2A Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
25-21/T1D-ANQHY/2A
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 12
Device No. : SZDSE-251-T01
Prepared date: 27-Nov-2006
Prepared by: Duan jing fen
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 25-21-T1D-ANQHY-2A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
25-21-T1D-ANQHY-2A TO-GRACE-25-21-T1D-ANQHY-2A Datasheet
849Kb / 12P
   Reverse Package Chip LED with Inner Lens
More results

Similar Description - 25-21-T1D-ANQHY-2A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
25-21-W1D-APQHY-2A EVERLIGHT-25-21-W1D-APQHY-2A Datasheet
162Kb / 10P
   Reverse Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
25-21-T1D-ANQHY-2A TO-GRACE-25-21-T1D-ANQHY-2A Datasheet
849Kb / 12P
   Reverse Package Chip LED with Inner Lens
logo
Everlight Electronics C...
25-21-GHC-YSU-2A EVERLIGHT-25-21-GHC-YSU-2A Datasheet
196Kb / 10P
   Reverse Package Chip LED with Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
25-21-W1D-APQHY-2A TO-GRACE-25-21-W1D-APQHY-2A Datasheet
800Kb / 10P
   Reverse Package Chip LED with Inner lens
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AP1Q2LZ-2T TO-GRACE-11-21-R6C-AP1Q2LZ-2T Datasheet
1Mb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T TO-GRACE-11-21-Y2C-CP2Q2B-2T Datasheet
595Kb / 10P
   1206 Package Chip LED with Inner lens
logo
Everlight Electronics C...
11-21-BHC-YR1S1-2T EVERLIGHT-11-21-BHC-YR1S1-2T Datasheet
138Kb / 10P
   1206 Package Chip LED with Inner Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com