Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH24N120C3H1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH24N120C3H1
Description  GenX3 1200V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH24N120C3H1 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH24N120C3H1 Datasheet HTML 1Page - IXYS Corporation IXGH24N120C3H1 Datasheet HTML 2Page - IXYS Corporation IXGH24N120C3H1 Datasheet HTML 3Page - IXYS Corporation IXGH24N120C3H1 Datasheet HTML 4Page - IXYS Corporation IXGH24N120C3H1 Datasheet HTML 5Page - IXYS Corporation IXGH24N120C3H1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH24N120C3H1
IXYS REF: G_24N120C3H1(4N)01-15-08C
Fig. 7. Transconductance
0
2
4
6
8
10
12
14
16
18
20
22
24
26
0
10203040
50
607080
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020304050
60
7080
QG - NanoCoulombs
VCE = 600V
I C = 24A
I G = 10 mA
Fig. 10. Reverse-Bias Safe Operating Area
0
5
10
15
20
25
30
35
40
45
50
55
200
400
600
800
1000
1200
1400
VCE - Volts
TJ = 125ºC
RG = 5Ω
dV / dt < 10V / ns
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.10
1.00
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds


Similar Part No. - IXGH24N120C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N120C3 IXYS-IXGH24N120C3 Datasheet
196Kb / 6P
   GenX3 1200V IGBT
More results

Similar Description - IXGH24N120C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
   GenX3 1200V IGBT
IXGH50N120C3 IXYS-IXGH50N120C3 Datasheet
176Kb / 6P
   GenX3 1200V IGBT
IXGH30N120B3D1 IXYS-IXGH30N120B3D1 Datasheet
221Kb / 7P
   GenX3 1200V IGBT
IXGA24N120C3 IXYS-IXGA24N120C3 Datasheet
196Kb / 6P
   GenX3 1200V IGBT
IXGH30N120C3H1 IXYS-IXGH30N120C3H1 Datasheet
188Kb / 6P
   GenX3 1200V IGBT
IXGH40N120C3 IXYS-IXGH40N120C3 Datasheet
177Kb / 6P
   GenX3 1200V IGBT
IXYH82N120C3 IXYS-IXYH82N120C3 Datasheet
173Kb / 6P
   1200V XPT IGBT GenX3
IXYH40N120C3 IXYS-IXYH40N120C3 Datasheet
173Kb / 6P
   1200V XPT IGBT GenX3
IXYH50N120C3 IXYS-IXYH50N120C3 Datasheet
176Kb / 6P
   1200V XPT IGBT GenX3
IXGH32N120A3 IXYS-IXGH32N120A3 Datasheet
202Kb / 6P
   GenX3 1200V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com