Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGP50N60B4 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGP50N60B4
Description  High-Gain IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP50N60B4 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGP50N60B4 Datasheet HTML 1Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 2Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 3Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 4Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 5Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA50N60B4 IXGP50N60B4
IXGH50N60B4
IXYS REF: G_50N60B4(L5)03-23-11
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
20
40
60
80
100
120
140
15
25
35
45
55
65
75
IC - Amperes
20
25
30
35
40
45
50
55
t r i
td(on) - - - -
RG = 10, VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
20
40
60
80
100
120
140
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
25
30
35
40
45
50
55
t r i
td(on) - - - -
RG = 10, VGE = 15V
VCE = 400V
I C = 72A
I C = 36A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
20
40
60
80
100
120
140
160
10
15
20
25
30
35
RG - Ohms
24
30
36
42
48
54
60
66
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 36A
I C = 72A


Similar Part No. - IXGP50N60B4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP50N60C4 IXYS-IXGP50N60C4 Datasheet
224Kb / 6P
   High-Gain IGBTs
More results

Similar Description - IXGP50N60B4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60C4 IXYS-IXGH24N60C4 Datasheet
136Kb / 2P
   High-Gain IGBTs
IXGA50N60C4 IXYS-IXGA50N60C4 Datasheet
224Kb / 6P
   High-Gain IGBTs
IXGH24N170A IXYS-IXGH24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
IXGH6N170A IXYS-IXGH6N170A_09 Datasheet
196Kb / 5P
   High Voltage IGBTs
IXGT4N250C IXYS-IXGT4N250C Datasheet
163Kb / 4P
   High Voltage IGBTs
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
   C2-Class High Speed IGBTs
IXGH24N170AH1 IXYS-IXGH24N170AH1 Datasheet
231Kb / 4P
   High Voltage IGBTs w/Diode
IXGQ50N60C4D1 IXYS-IXGQ50N60C4D1 Datasheet
203Kb / 7P
   High-Speed PT Trench IGBTs
IXGH40N120B2D1 IXYS-IXGH40N120B2D1 Datasheet
220Kb / 7P
   High Voltage IGBTs w/Diode
logo
Sirectifier Global Corp...
SG45N12T SIRECT-SG45N12T Datasheet
143Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com