Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGP50N60B4 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGP50N60B4
Description  High-Gain IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP50N60B4 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGP50N60B4 Datasheet HTML 1Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 2Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 3Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 4Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 5Page - IXYS Corporation IXGP50N60B4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA50N60B4 IXGP50N60B4
IXGH50N60B4
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
20
40
60
80
100
120
100
150
200
250
300
350
400
450
500
550
600
VCE - Volts
TJ = 125ºC
RG = 10
dv / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
QG - NanoCoulombs
VCE = 300V
I C = 36A
I G = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


Similar Part No. - IXGP50N60B4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP50N60C4 IXYS-IXGP50N60C4 Datasheet
224Kb / 6P
   High-Gain IGBTs
More results

Similar Description - IXGP50N60B4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60C4 IXYS-IXGH24N60C4 Datasheet
136Kb / 2P
   High-Gain IGBTs
IXGA50N60C4 IXYS-IXGA50N60C4 Datasheet
224Kb / 6P
   High-Gain IGBTs
IXGH24N170A IXYS-IXGH24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
IXGH6N170A IXYS-IXGH6N170A_09 Datasheet
196Kb / 5P
   High Voltage IGBTs
IXGT4N250C IXYS-IXGT4N250C Datasheet
163Kb / 4P
   High Voltage IGBTs
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
   C2-Class High Speed IGBTs
IXGH24N170AH1 IXYS-IXGH24N170AH1 Datasheet
231Kb / 4P
   High Voltage IGBTs w/Diode
IXGQ50N60C4D1 IXYS-IXGQ50N60C4D1 Datasheet
203Kb / 7P
   High-Speed PT Trench IGBTs
IXGH40N120B2D1 IXYS-IXGH40N120B2D1 Datasheet
220Kb / 7P
   High Voltage IGBTs w/Diode
logo
Sirectifier Global Corp...
SG45N12T SIRECT-SG45N12T Datasheet
143Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com