Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGA50N60C4 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGA50N60C4
Description  High-Gain IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA50N60C4 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGA50N60C4 Datasheet HTML 1Page - IXYS Corporation IXGA50N60C4 Datasheet HTML 2Page - IXYS Corporation IXGA50N60C4 Datasheet HTML 3Page - IXYS Corporation IXGA50N60C4 Datasheet HTML 4Page - IXYS Corporation IXGA50N60C4 Datasheet HTML 5Page - IXYS Corporation IXGA50N60C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXGA50N60C4 IXGP50N60C4
IXGH50N60C4
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
15
20
25
30
35
RG - Ohms
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 400V
I C = 36A
I C = 72A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
90
95
100
105
110
115
120
125
130
135
10
15
20
25
30
35
RG - Ohms
100
150
200
250
300
350
400
450
500
550
t f i
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 36A
I C = 72A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0
0.5
1
1.5
2
2.5
3
3.5
15
25
35
45
55
65
75
IC - Amperes
0
0.5
1
1.5
2
2.5
3
3.5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 125ºC, 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0
0.5
1
1.5
2
2.5
3
3.5
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0
0.5
1
1.5
2
2.5
3
3.5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
I C = 36A
I C = 72A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
30
50
70
90
110
130
150
15
25
35
45
55
65
75
IC - Amperes
120
160
200
240
280
320
360
t f i
td(off) - - - -
RG = 10, VGE = 15V
VCE = 400V
TJ = 25ºC, 125ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
50
60
70
80
90
100
110
120
130
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
160
180
200
220
240
260
280
300
320
t f i
td(on) - - - -
RG = 10, VGE = 15V
VCE = 400V
I C = 72A
I C = 36A


Similar Part No. - IXGA50N60C4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA50N60B4 IXYS-IXGA50N60B4 Datasheet
227Kb / 6P
   High-Gain IGBTs
More results

Similar Description - IXGA50N60C4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA50N60B4 IXYS-IXGA50N60B4 Datasheet
227Kb / 6P
   High-Gain IGBTs
IXGH24N60C4 IXYS-IXGH24N60C4 Datasheet
136Kb / 2P
   High-Gain IGBTs
IXGH24N170A IXYS-IXGH24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
IXGH6N170A IXYS-IXGH6N170A_09 Datasheet
196Kb / 5P
   High Voltage IGBTs
IXGT4N250C IXYS-IXGT4N250C Datasheet
163Kb / 4P
   High Voltage IGBTs
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
   C2-Class High Speed IGBTs
IXGH24N170AH1 IXYS-IXGH24N170AH1 Datasheet
231Kb / 4P
   High Voltage IGBTs w/Diode
IXGQ50N60C4D1 IXYS-IXGQ50N60C4D1 Datasheet
203Kb / 7P
   High-Speed PT Trench IGBTs
IXGH40N120B2D1 IXYS-IXGH40N120B2D1 Datasheet
220Kb / 7P
   High Voltage IGBTs w/Diode
logo
Sirectifier Global Corp...
SG45N12T SIRECT-SG45N12T Datasheet
143Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com