Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU8K Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # GBU8K
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GBU8K Datasheet(HTML) 2 Page - Fairchild Semiconductor

  GBU8K Datasheet HTML 1Page - Fairchild Semiconductor GBU8K Datasheet HTML 2Page - Fairchild Semiconductor GBU8K Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
GBU8A - GBU8M Rev. A5
2
Typical Performance Characteristics
Ambient Temperature [ºC]
0
50
100
150
0
2
4
6
8
MOUNTED ON PC BOARD,
TA 0.5" (12.7mm) LEAD LENGTH
60Hz RESISTIVE OF INDUCTIVE LOAD
HEAT-SINK
MOUNTING, TC
4"x4"x0.15"
COPPER PLATE
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
0.1
1
10
100
Forward Voltage, V F [V]
T = 25 C
º
A
Pulse Width = 300μ
μμμs
1% Duty Cycle
0
204060
80
100
120
140
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage [%]
T = 100 C
º
C
T = 25 C
º
A
110
100
0
50
100
150
200
250
Number of Cycles at 60Hz
T
j
=150°C
8.3ms Single Half Sine-Wave
1
5
10
50
100
10
50
100
400
Reverse Voltage, VR [V]
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p


Similar Part No. - GBU8K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU8K PANJIT-GBU8K Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU8K GENESIC-GBU8K Datasheet
375Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU8K PANJIT-GBU8K Datasheet
50Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU8K SHUNYE-GBU8K Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
GBU8K PFS-GBU8K Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU8K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com