Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC68302
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302 Datasheet(HTML) 5 Page - Motorola, Inc

  MC68302 Datasheet HTML 1Page - Motorola, Inc MC68302 Datasheet HTML 2Page - Motorola, Inc MC68302 Datasheet HTML 3Page - Motorola, Inc MC68302 Datasheet HTML 4Page - Motorola, Inc MC68302 Datasheet HTML 5Page - Motorola, Inc MC68302 Datasheet HTML 6Page - Motorola, Inc MC68302 Datasheet HTML 7Page - Motorola, Inc MC68302 Datasheet HTML 8Page - Motorola, Inc MC68302 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 480 page
background image
MOTOROLA
MC68302 USER’S MANUAL
v
TABLE OF CONTENTS
Paragraph
Title
Page
Number
Number
Section 1
General Description
1.1
Block Diagram......................................................................................... 1-1
1.2
Features .................................................................................................. 1-3
1.3
MC68302 System Architecture ............................................................... 1-4
1.4
NMSI Communications-Oriented Environment ....................................... 1-5
1.5
Basic Rate ISDN or Digital Voice/Data Terminal .................................... 1-6
Section 2
MC68000/MC68008 Core
2.1
Programming Model................................................................................ 2-1
2.2
Instruction Set Summary......................................................................... 2-3
2.3
Address Spaces ...................................................................................... 2-6
2.4
Exception Processing.............................................................................. 2-8
2.4.1
Exception Vectors ................................................................................... 2-8
2.4.2
Exception Stacking Order ....................................................................... 2-9
2.5
Interrupt Processing .............................................................................. 2-11
2.6
M68000 Signal Differences ................................................................... 2-11
2.7
MC68302 IMP Configuration Control .................................................... 2-12
2.8
MC68302 Memory Map......................................................................... 2-14
2.9
Event Registers..................................................................................... 2-19
Section 3
System Integration Block (SIB)
3.1
DMA Control............................................................................................ 3-2
3.1.1
Key Features........................................................................................... 3-2
3.1.2
IDMA Registers (Independent DMA Controller) ...................................... 3-3
3.1.2.1
Channel Mode Register (CMR)............................................................... 3-4
3.1.2.2
Source Address Pointer Register (SAPR)............................................... 3-6
3.1.2.3
Destination Address Pointer Register (DAPR)........................................ 3-6
3.1.2.4
Function Code Register (FCR)................................................................ 3-7
3.1.2.5
Byte Count Register (BCR) ..................................................................... 3-7
3.1.2.6
Channel Status Register (CSR) .............................................................. 3-7
3.1.3
Interface Signals ..................................................................................... 3-8
3.1.3.1
DREQ and DACK.................................................................................... 3-8
3.1.3.2
DONE...................................................................................................... 3-8
3.1.4
IDMA Operational Description................................................................. 3-9
3.1.4.1
Channel Initialization ............................................................................... 3-9
3.1.4.2
Data Transfer .......................................................................................... 3-9


Similar Part No. - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
logo
Motorola, Inc
MC68302AD MOTOROLA-MC68302AD Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
More results

Similar Description - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com