Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN431 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN431
Description  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN431 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN431_11 Datasheet HTML 1Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 2Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 3Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 4Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 5Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 6Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 7Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 8Page - Fairchild Semiconductor FAN431_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FAN431/FAN431A/FAN431L
3
Electrical Characteristics
(TA = +25°C, unless otherwise specified)
Note1
TMIN = -25°C, TMAX = +85°C
Parameter
Symbol
Conditions
FAN431
FAN431A
FAN431L
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Reference
Input Voltage
VREF
VKA=VREF, IKA=10mA
2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508
V
Deviation of
Reference
Input Voltage
Over-
Temperature
ΔVREF/
ΔT
VKA=VREF, IKA=10mA
TMIN≤TA≤TMAX
-
4.5
17
-
4.5
17
-
4.5
17
mV
Ratio of
Change in
Reference
Input Voltage
to the Change
in Cathode
Voltage
ΔVREF/
ΔVKA
IKA
=10mA
ΔVKA=10V-
VREF
-
-1.0
-2.7
-
-1.0
-2.7
-
-1.0
-2.7
mV/V
ΔVKA=36V-
10V
-
-0.5
-2.0
-
-0.5
-2.0
-
-0.5
-2.0
Reference
Input Current
IREF
IKA=10mA,
R1=10kΩ,R2=∞
-
1.5
4
-
1.5
4
-
1.5
4
μA
Deviation of
Reference
Input Current
Over Full
Temperature
Range
ΔIREF/ΔT
IKA=10mA,
R1=10kΩ,R2=∞
TA =Full Range
-
0.4
1.2
-
0.4
1.2
-
0.4
1.2
μA
Minimum
Cathode
Current for
Regulation
IKA(MIN)
VKA=VREF
-
0.45
1.0
-
0.45
1.0
-
0.45
1.0
mA
Off -Stage
Cathode
Current
IKA(OFF)
VKA=36V, VREF=0
-
0.05
1.0
-
0.05
1.0
-
0.05
1.0
μA
Dynamic
Impedance
ZKA
VKA=VREF,
IKA=1 to 100mA ,f ≥1.0kHz
-
0.15
0.5
-
0.15
0.5
-
0.15
0.5
Ω


Similar Part No. - FAN431_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN431A FAIRCHILD-FAN431A Datasheet
94Kb / 10P
   Programmable Shunt Regulator
FAN431A FAIRCHILD-FAN431A Datasheet
1Mb / 10P
   Programmable Shunt Regulator
FAN431AZXA FAIRCHILD-FAN431AZXA Datasheet
94Kb / 10P
   Programmable Shunt Regulator
FAN431L FAIRCHILD-FAN431L Datasheet
94Kb / 10P
   Programmable Shunt Regulator
FAN431L FAIRCHILD-FAN431L Datasheet
1Mb / 10P
   Programmable Shunt Regulator
More results

Similar Description - FAN431_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com