Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF005M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DF005M
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DF005M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DF005M_10 Datasheet HTML 1Page - Fairchild Semiconductor DF005M_10 Datasheet HTML 2Page - Fairchild Semiconductor DF005M_10 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DF005M - DF10M Rev. C1
2
Typical Performance Characteristics
Figure 1. Non-Repetitive Surge Current
Figure 2. Forward Current Derating Curve
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
12
5
10
20
50
100
0
10
20
30
40
50
Number of Cycles at 60Hz
20
40
60
80
100
120
140
160
0
0.5
1
1.5
Ambient Temperature [ºC]
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
Forward Voltage, V
F [V]
T = 25 C
º
A
Pulse Width = 200
μμμμs
μs
0
204060
80
100
120
140
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage [%]
T = 100 C
º
A
T = 25 C
º
A


Similar Part No. - DF005M_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF005M DIODES-DF005M_1 Datasheet
87Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 14 - 2
DF005M DIODES-DF005M_15 Datasheet
106Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Vishay Siliconix
DF005M VISHAY-DF005M_15 Datasheet
83Kb / 5P
   BYX82
Revision: 16-Aug-13
More results

Similar Description - DF005M_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com