Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH30N60C3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH30N60C3
Description  GenX3 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH30N60C3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH30N60C3 Datasheet HTML 1Page - IXYS Corporation IXGH30N60C3 Datasheet HTML 2Page - IXYS Corporation IXGH30N60C3 Datasheet HTML 3Page - IXYS Corporation IXGH30N60C3 Datasheet HTML 4Page - IXYS Corporation IXGH30N60C3 Datasheet HTML 5Page - IXYS Corporation IXGH30N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions.
IXGA30N60C3 IXGP30N60C3
IXGH30N60C3
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.10
1.00
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 7. Transconductance
0
2
4
6
8
10
12
14
16
18
20
22
24
0
10
20304050
60
7080
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
10
20
30
40
50
60
100
200
300
400
500
600
VCE - Volts
TJ = 125ºC
RG = 5Ω
dV / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
QG - NanoCoulombs
VCE = 300V
I C = 20A
I G = 10 mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


Similar Part No. - IXGH30N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH30N60C3C1 IXYS-IXGH30N60C3C1 Datasheet
294Kb / 7P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGH30N60C3D1 IXYS-IXGH30N60C3D1 Datasheet
215Kb / 7P
   GenX3 600V IGBT with Diode
IXGH30N60C3D1 IXYS-IXGH30N60C3D1 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGH30N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
   GenX3 600V IGBT
IXGL200N60B3 IXYS-IXGL200N60B3 Datasheet
217Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH72N60C3 IXYS-IXGH72N60C3 Datasheet
172Kb / 6P
   GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
   GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com