Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23-21B-W1D-ANQHY-2A Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 23-21B-W1D-ANQHY-2A
Description  Reverse Package Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-21B-W1D-ANQHY-2A Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 23-21B-W1D-ANQHY-2A Datasheet HTML 3Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 9Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 10Page - Everlight Electronics Co., Ltd 23-21B-W1D-ANQHY-2A Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 10 of 11
Device No.: DSE-23B-W01
Prepared date: 08-08-2004
Prepared by: Jeff Tsai
23-21B/W1D-ANQHY/2A
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.


Similar Part No. - 23-21B-W1D-ANQHY-2A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
23-21B-W1D-ANQHY-2A TO-GRACE-23-21B-W1D-ANQHY-2A Datasheet
671Kb / 11P
   Reverse Package Chip LED
More results

Similar Description - 23-21B-W1D-ANQHY-2A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-G6C-AL2N1-2T EVERLIGHT-23-21-G6C-AL2N1-2T Datasheet
227Kb / 10P
   Reverse Package Chip LED
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A Datasheet
234Kb / 10P
   Reverse Package Chip LED
24-21-GHC-YR2T1-2A EVERLIGHT-24-21-GHC-YR2T1-2A Datasheet
161Kb / 10P
   Reverse Package Chip LED
24-21SYGC EVERLIGHT-24-21SYGC Datasheet
159Kb / 9P
   Reverse Package Chip LED
24-21SURC-S530-A3-TR8 EVERLIGHT-24-21SURC-S530-A3-TR8 Datasheet
182Kb / 9P
   Reverse Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
23-215A-BHC-DN2P2E-5A TO-GRACE-23-215A-BHC-DN2P2E-5A Datasheet
754Kb / 11P
   Reverse Package Chip LED
logo
Everlight Electronics C...
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A_11 Datasheet
240Kb / 10P
   Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A Datasheet
181Kb / 12P
   Reverse Package Chip LED
23-21-BHC-AN1P2 EVERLIGHT-23-21-BHC-AN1P2 Datasheet
137Kb / 10P
   Reverse Package Chip LED
23-21-GHC-YR2T1 EVERLIGHT-23-21-GHC-YR2T1 Datasheet
151Kb / 10P
   Reverse Package Chip LED
23-215A-BHC-DN2P2E-5A EVERLIGHT-23-215A-BHC-DN2P2E-5A Datasheet
180Kb / 11P
   Reverse Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com