Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFR64N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR64N50P
Description  Polar Power MOSFET HiPerFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR64N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR64N50P Datasheet HTML 1Page - IXYS Corporation IXFR64N50P Datasheet HTML 2Page - IXYS Corporation IXFR64N50P Datasheet HTML 3Page - IXYS Corporation IXFR64N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXFR64N50P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse Test, t
≤ 300μs; Duty Cycle, d ≤ 2%.
ISOPLUS247 (IXFR) Outline
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 32A, Note 1
30
50
S
C
iss
9700
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
970
pF
C
rss
30
pF
t
d(on)
30
ns
t
r
25
ns
t
d(off)
85
ns
t
f
22
ns
Q
g(on)
150
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 32A
50
nC
Q
gd
50
nC
R
thJC
0.42
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
64
A
I
SM
Repetitive, Pulse Width Limited by T
JM
250
A
V
SD
I
F = 64A, VGS = 0V, Note 1
1.5
V
t
rr
200 ns
Q
RM
0.6
μC
I
RM
6.0
A
I
F = 25A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 32A
R
G = 2Ω (External)


Similar Part No. - IXFR64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
More results

Similar Description - IXFR64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
   Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
   Polar HiPerFET Power MOSFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
   Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
   Polar HiperFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN56N90P IXYS-IXFN56N90P Datasheet
120Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK170N20P IXYS-IXFK170N20P Datasheet
149Kb / 5P
   Polar Power MOSFET HiperFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com