Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFR48N60P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFR48N60P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS247
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR48N60P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFR48N60P Datasheet HTML 1Page - IXYS Corporation IXFR48N60P Datasheet HTML 2Page - IXYS Corporation IXFR48N60P Datasheet HTML 3Page - IXYS Corporation IXFR48N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 IXYS All rights reserved
IXFR 48N60P
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
20
40
60
80
100
120
0
4
8
12
16
20
24
VD S - Volts
VGS = 10V
8V
7V
6V
5V
Fig. 3. Output Characte ris tics
@ 125
ºC
0
5
10
15
20
25
30
35
40
45
50
02
46
8
10
12
14
V D S - Volts
VGS = 10V
7V
5V
6V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
5
10
15
20
25
30
35
40
45
50
01
2
3
4
5
6
VD S - Volts
VGS = 10V
8V
7V
5V
6V
Fig. 4. RDS(on) Norm alized to ID = 24A
V alue vs . Junction Te m pe rature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 48A
ID = 24A
VGS = 10V
Fig. 5. RDS(on) Norm alize d to
ID = 24A Value vs . Drain Curre nt
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
3.4
0
20
406080
100
120
140
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V
Fig. 6. Dr ain Cur r e nt vs . Cas e
Te m pe r atur e
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade


Similar Part No. - IXFR48N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR48N60Q3 IXYS-IXFR48N60Q3 Datasheet
149Kb / 5P
   Advance Technical Information
More results

Similar Description - IXFR48N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR32N80P IXYS-IXFR32N80P Datasheet
155Kb / 5P
   PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR44N50P IXYS-IXFR44N50P Datasheet
152Kb / 5P
   PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR80N50P IXYS-IXFR80N50P Datasheet
155Kb / 5P
   PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR180N15P IXYS-IXFR180N15P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR24N100 IXYS-IXFR24N100_08 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET ISOPLUS247
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
   PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com