Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CD051X0 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P5CD051X0
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD051X0 Datasheet(HTML) 3 Page - NXP Semiconductors

  P5CD051X0 Datasheet HTML 1Page - NXP Semiconductors P5CD051X0 Datasheet HTML 2Page - NXP Semiconductors P5CD051X0 Datasheet HTML 3Page - NXP Semiconductors P5CD051X0 Datasheet HTML 4Page - NXP Semiconductors P5CD051X0 Datasheet HTML 5Page - NXP Semiconductors P5CD051X0 Datasheet HTML 6Page - NXP Semiconductors P5CD051X0 Datasheet HTML 7Page - NXP Semiconductors P5CD051X0 Datasheet HTML 8Page - NXP Semiconductors P5CD051X0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
3 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
1.4.3 AES coprocessor
SmartMX is the first smart card microcontroller platform to provide a dedicated high
performance 128-bit parallel processing coprocessor to support secure AES. The
implementation is based on FIPS197 as standardized by the National Institute for
Standards and Technology (NIST), and supports key lengths of 128-bit, 192-bit, and
256-bit with performance levels comparable to DES. AES is the next generation for
symmetric data encryption and recommended successor to DES providing significantly
improved security level. A secure crypto library element for AES is available.
1.5 SmartMX interfaces
1.5.1 SmartMX contact interface
Operating in accordance with ISO/IEC 7816, the SmartMX contact interface is supported
by a built-in Universal Asynchronous Receiver/Transmitter (UART), which enables data
rates of up to 1 Mbit/s allowing for the automatic generation of all typical baud rates and
supports transmission protocols T=0 and T=1. Up to two additional I/Os are available.
1.5.2 SmartMX contactless interface
The optional contactless interface is fully compatible with ISO/IEC 14443 A as well as
NXP Semiconductors’ field proven MIFARE technology. A dedicated Contactless Interface
Unit (CIU) manages and supports communication using data rates up to 848 kbit/s. A true
anti-collision method (in accordance with ISO/IEC 14443-3) enables multiple cards to be
handled simultaneously.
The optional MIFARE functionality provided in configurations B1 (MIFARE 1K
implementation), B4 (MIFARE 4K implementation), D1 (MIFARE 1K implementation with
MIFARE simultaneous operation enabled) and D4 (MIFARE 4K implementation with
MIFARE simultaneous operation enabled) safeguard the interface compatibility with any
installed MIFARE infrastructure. The ability to run the MIFARE protocol concurrently with
other contactless transmission protocols implemented by the customer code (T=CL or self
defined) enables the combination of new services and existing applications based on
MIFARE (e.g. ticketing) on a single dual interface controller based smart card.
The MIFARE implementation on the SmartMX makes use of the approved true random
number generator and thus is not susceptible to attacks based on the predictability of
random numbers. This emulation is separated from the rest of the SmartMX by a firewall
that is part of the Common Criteria evaluation.
A tutorial software library for ISO/IEC 14443-3 and ISO/IEC 14443-4 is available to
support NXP Semiconductors’ customers for easy integration of the contactless
technology into current system solutions.
The input capacitance can be factory configured for either standard loop antennas or for
smaller antennas (such as “ID1/2” antennas). This is accomplished by setting the device
input capacitance to either the standard value or to a higher value.
1.5.3 SmartMX S2C interface
The S2C interface is intended for use with NXP Semiconductors NFC circuits (e.g. PN544)
in order to configure secure NFC systems, for example in mobile hand sets.


Similar Part No. - P5CD051X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD012 NXP-P5CD012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012A4 NXP-P5CD012A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012A6 NXP-P5CD012A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012UA NXP-P5CD012UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012UE NXP-P5CD012UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD051X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com