Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFR30N110P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR30N110P
Description  Polar Power MOSFET HiPerFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR30N110P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR30N110P Datasheet HTML 1Page - IXYS Corporation IXFR30N110P Datasheet HTML 2Page - IXYS Corporation IXFR30N110P Datasheet HTML 3Page - IXYS Corporation IXFR30N110P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS99898A(04/08)
V
DSS
= 1100V
I
D25
= 16A
R
DS(on)
≤≤≤≤≤ 400mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 300ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1100
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C16
A
I
DM
T
C = 25°C, pulse width limited by TJM
75
A
I
AR
T
C = 25°C15
A
E
AS
T
C = 25°C
1.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
15
V/ns
P
D
T
C = 25°C
320
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
T
SOLD
Plastic body for 10s
260
°C
V
ISOL
50/60 Hz, RMS, 1 minute
2500
V~
F
C
Mounting force
20..120/4.5..27
N/lb.
Weight
5g
G = Gate
D = Drain
S = Source
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1100
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.5
6.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
50
μA
V
GS = 0V
T
J = 125°C
2.5 mA
R
DS(on)
V
GS = 10V, ID = 15A, Note 1
400 m
Ω
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Fast intrinsic Rectifier
Advantages
Easy assembly
Space savings
High power density
Isolated Tab
ISOPLUS247 (IXFR)
E153432
IXFR30N110P
PolarTM Power MOSFET
HiPerFETTM
Applications:
High Voltage Switched-mode and
resonant-mode power supplies
High Voltage Pulse Power Applications
High Voltage Discharge circuits in
Lasers Pulsers, Spark Igniters, RF
Generators
High Voltage DC-DC converters
High Voltage DC-AC inverters


Similar Part No. - IXFR30N110P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
   HiPerFET Power MOSFETs ISOPLUS247
logo
Inchange Semiconductor ...
IXFR30N50 ISC-IXFR30N50 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
2023.10.24
logo
IXYS Corporation
IXFR30N50Q IXYS-IXFR30N50Q Datasheet
92Kb / 4P
   HiPerFET Power MOSFETs ISOPLUS247
logo
Inchange Semiconductor ...
IXFR30N60 ISC-IXFR30N60 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023.10.24
logo
IXYS Corporation
IXFR30N60P IXYS-IXFR30N60P Datasheet
141Kb / 4P
   PolarHV HiPerFET Power MOSFET
More results

Similar Description - IXFR30N110P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
   Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
   Polar HiPerFET Power MOSFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
   Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
   Polar HiperFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN56N90P IXYS-IXFN56N90P Datasheet
120Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK170N20P IXYS-IXFK170N20P Datasheet
149Kb / 5P
   Polar Power MOSFET HiperFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com