Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CC081XS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P5CC081XS
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC081XS Datasheet(HTML) 2 Page - NXP Semiconductors

  P5CC081XS Datasheet HTML 1Page - NXP Semiconductors P5CC081XS Datasheet HTML 2Page - NXP Semiconductors P5CC081XS Datasheet HTML 3Page - NXP Semiconductors P5CC081XS Datasheet HTML 4Page - NXP Semiconductors P5CC081XS Datasheet HTML 5Page - NXP Semiconductors P5CC081XS Datasheet HTML 6Page - NXP Semiconductors P5CC081XS Datasheet HTML 7Page - NXP Semiconductors P5CC081XS Datasheet HTML 8Page - NXP Semiconductors P5CC081XS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
2 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
Secure_MX51 processor core has been further optimized over the existing version in
0.14
μm CMOS technology. Therefore, these products now offer improved CPU speed,
leading to shorter overall transaction times. At the same time, the FameXE cryptography
coprocessor has been optimized for even lower power operation, while keeping its
performance at the same industry-leading level.
The availability of both contact interface and contactless or S2C interface enable the easy
implementation of native or open platform and multi-application operating systems in
market segments such as banking, E-passports, ID cards, Health cards, secure access,
Java cards as well as Trusted Platform Modules (TPM).
1.3 Naming conventions
1.4 Cryptographic hardware coprocessors
1.4.1 FameXE coprocessor
The approved and modular FameXE architecture supports the trend of increasing RSA
keys with faster execution speeds as well as Elliptic Curve Cryptography (ECC) based on
GF(p) or GF(2n) at best performance. FameXE supports RSA with an operand length of
up to 8-kbit (up to 4-kbit with intermediate storage in RAM only).
The now further reduced power-consumption FameXE PKI coprocessor supports 192-bit
ECC key length that offers the same level of security as 2048-bit RSA. An ECC GF(2n)
based signature, using a 163-bit key can be executed in less than 30 ms providing a
security level comparable to 1024-bit RSA. The operand size for ECC, supported by
FameXE, is only limited by the 2.5 KB size of the FXRAM. FameXE operates at up to
72 MHz, is easy to use and the flexible interface provides programmers with the freedom
to implement their own cryptography solutions. A secure and CC EAL5+ certified crypto
library providing a large range of required functions will be available for all devices in order
to support customers in implementing public key-based solutions.
1.4.2 Triple-DES coprocessor
The DES widely used for symmetric encryption is supported by a dedicated, high
performance, highly attack-resistant hardware coprocessor. Single DES and triple-DES,
based on two or three DES keys, can be executed within less than 40
μs. Relevant
standards (ISO/IEC, ANSI, FIPS) and Message Authentication Code (MAC) are fully
supported. A secure crypto library element for DES is available.
Table 1.
Naming conventions
P5xyzzz SmartMX platform
x
Type of category:
C = PKI controller + triple-DES coprocessor + AES coprocessor on selected products
y
Interface options:
C = contact interface - ISO/IEC 7816
D = dual interface - ISO/IEC 7816 + ISO/IEC 14443 contactless interface
N = ISO/IEC 7816 + S2C interface for NFC
zzz
Amount of non-volatile memory in KB, increasing count for further product options


Similar Part No. - P5CC081XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC080 NXP-P5CC080 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC080UA NXP-P5CC080UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC080XS NXP-P5CC080XS Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CC081XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com