Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8035C1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8035C1
Description  Smart card interface externally by a resistor bridge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8035C1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8035C1 Datasheet HTML 2Page - NXP Semiconductors TDA8035C1 Datasheet HTML 3Page - NXP Semiconductors TDA8035C1 Datasheet HTML 4Page - NXP Semiconductors TDA8035C1 Datasheet HTML 5Page - NXP Semiconductors TDA8035C1 Datasheet HTML 6Page - NXP Semiconductors TDA8035C1 Datasheet HTML 7Page - NXP Semiconductors TDA8035C1 Datasheet HTML 8Page - NXP Semiconductors TDA8035C1 Datasheet HTML 9Page - NXP Semiconductors TDA8035C1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TDA8035HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.0 — 19 April 2011
6 of 32
NXP Semiconductors
TDA8035HN
Smart card interface
SBM
17
VDDP
I/O
DC/DC converter capacitor ; connected between SBM and SBP; C =
330nF with ESR < 100m
Ω
VDDP
18
VDDP
supply
Power supply voltage
SBP
19
VDDP
I/O
DC/DC converter capacitor ; connected between SBM and SBP; C =
330nF with ESR < 100m
Ω
SAP
20
VDDP
I/O
DC/DC converter capacitor ; connected between SAM and SAP; C =
330nF with ESR < 100m
Ω
VUP
21
VDDP
I/O
DC/DC converter output decoupling capacitor connected between
VUP and GNDP; C = 1uF with ESR < 100m
Ω
Vcc
22
Vcc
O
supply for the card (C1)( decouple to GND with 2
× 220nF capacitors
with ESR < 100m
Ω).
RST
23
Vcc
O
card reset (C2)
CLK
24
Vcc
O
clock to the card (C3)
GNDC
25
-
supply
card signal ground
AUX1
26
Vcc
I/O
auxiliary data line to/from the card (C4)(internal 10 k pull up resistor to
Vcc )
AUX2
27
Vcc
I/O
auxiliary data line to/from the card (C8)(internal 10 k pull up resistor to
Vcc )
I/O
28
Vcc
I/O
data line to/from the card (C7)(internal 10 k pull up resistor to
Vcc)
CS
29
VDD(INTF)
I
Chip Select input from the host ( active High )
PRESN
30
VDD(INTF)
I
card presence contact input (active LOW); if PRESN is true, then the
card is considered as present. A debouncing feature of 4.05 ms typ.
is built in.
AUX1UC
31
VDD(INTF)
I/O
auxiliary data line to/from the host (internal 10 k pull up resistor to
VDD(INTF) )
AUX2UC
32
VDD(INTF)
I/O
auxiliary data line to/from the host (internal 10 k pull up resistor to
VDD(INTF) )
Table 3.
Pin description …continued
Symbol
Pin
Supply
Type
Description


Similar Part No. - TDA8035C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8030 PHILIPS-TDA8030 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8030HL PHILIPS-TDA8030HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031HL PHILIPS-TDA8031HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
More results

Similar Description - TDA8035C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com