Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX1011BI-EL1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PX1011BI-EL1
Description  PCI Express stand-alone X1 PHY Receiver detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PX1011BI-EL1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PX1011BI-EL1 Datasheet HTML 5Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 6Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 7Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 8Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 9Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 10Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 11Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 12Page - NXP Semiconductors PX1011BI-EL1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PX1011B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 18 April 2011
9 of 32
NXP Semiconductors
PX1011B
PCI Express stand-alone X1 PHY
The de-serializer or Serial-to-Parallel converter (S2P) de-serializes this data into 10-bits
parallel data.
Since the S2P has no knowledge about the data, the word alignment is still random. This
is fixed in the digital domain by the PCS block. It first detects a 10-bit comma character
(K28.5) from the random data stream and aligns the bits. Then it converts the 10-bit raw
data into 8-bit words using 8b/10b decoding. An elastic buffer and FIFO brings the
resulting data to the right clock domain, which is the RX source synchronous clock
domain.
8.2 Transmitting data
When the PHY transmits, it receives 8-bit data from the MAC. This data is encoded using
an 8b/10b encoding algorithm. The 2 bits overhead of the 8b/10b encoding ensures the
serial data will be DC-balanced and has a sufficient 0-to-1 and 1-to-0 transition density for
clock recovery at the receiver side.
The serializer or Parallel-to-Serial converter (P2S) serializes the 10 bits data into serial
data streams. These data streams are latched into the transmitter, where they are
converted into small amplitude differential signals. The transmitter has built-in
de-emphasis for a larger eye opening at the receiver side.
The PLL has a sufficiently high bandwidth to handle a 100 MHz reference clock with a
30 kHz to 33 kHz spread spectrum.
8.3 Clocking
There are three clock signals used by the PX1011B:
REFCLK is a 100 MHz external reference clock that the PHY uses to generate the
250 MHz data clock and the internal bit rate clock. This clock may have
30 kHz to 33 kHz spread spectrum modulation.
TXCLK is a reference clock that the PHY uses to clock the TXDATA and command.
This source synchronous clock is provided by the MAC. The PHY expects that the
rising edge of TXCLK is centered to the data. The TXCLK has to be synchronous with
RXCLK.
RXCLK is a source synchronous clock provided by the PHY. The RXDATA and status
signals are synchronous to this clock. The PHY aligns the rising edge of RXCLK to the
center of the data. RXCLK may be used by the MAC to clock its internal logic.
8.4 Reset
The PHY must be held in reset until power and REFCLK are stable. It takes the PHY
64
μs maximum to stabilize its internal clocks. RXCLK frequency is the same as REFCLK
frequency, 100 MHz, during this time. The PHY de-asserts PHYSTATUS when internal
clocks are stable.
The PIPE specification recommends that while RESET_N is asserted, the MAC should
have RXDET_LOOPB de-asserted, TXIDLE asserted, TXCOMP de-asserted, RXPOL
de-asserted and power state P1. The MAC can also assert a reset if it receives a physical
layer reset packet.


Similar Part No. - PX1011BI-EL1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011BI-EL1/G NXP-PX1011BI-EL1/G Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011BI-EL1/G NXP-PX1011BI-EL1/G Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011BI-EL1G NXP-PX1011BI-EL1G Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
More results

Similar Description - PX1011BI-EL1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
[Old version datasheet]   X1 PCI Express Serial Link
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
logo
PHOENIX CONTACT
2730213 PHOENIX-2730213 Datasheet
50Kb / 1P
   Connection element - IBS PCI STAND ALONE CONNECTOR
11/05/2018
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
   PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com