Electronic Components Datasheet Search |
|
P5CD051A4 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
P5CD051A4 Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 20 page P5CD016_021_041_51_Cx081_FAM_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product short data sheet PUBLIC Rev. 3.2 — 14 March 2011 150332 6 of 20 NXP Semiconductors P5CD016/021/041/051 and P5Cx081 Secure dual interface and contact PKI smart card controller 2. Features and benefits 2.1 Standard family features EEPROM: choice of 16 KB, 20 KB, 40 KB, 52 KB or 80 KB Data retention time: 25 years minimum Endurance: 500000 cycles typical ROM: 264 KB RAM: 7680 B 256 B IRAM + 4.75 KB standard RAM usable for CPU 2560 B FXRAM usable for FameXE Dedicated, Accelerated Secure_MX51 smart card CPU (Memory eXtended/enhanced 80C51) 5-metal layer 0.14 μm CMOS technology Operating in Contact and Contactless mode (dependent on family type option) Featuring a 24-bit universal memory space, 24-bit program counter Combined universal program and data linear address range up to 16 MB Additional instructions to improve: - pointer operations - performance - code density of both C and Java source code ISO/IEC 7816 contact interface ISO/IEC 14443 contactless interface PKI coprocessor FameXE Support of major Public Key Cryptography (PKC) systems such as RSA, Elgamel, DSS, Diffie-Hellman, Guillou-Quisquater, Fiat-Shamir and Elliptic Curves 8192 bits maximum key length for RSA with randomly chosen modulus 4096 bits maximum key length for calculation within RAM 32-bit interface Boolean operations for acceleration of standard, symmetric cipher algorithms High speed triple-DES coprocessor (64-bit parallel processing DES engine) Two or three keys loadable DES3 performance < 40 μs High speed AES coprocessor (128-bit parallel processing AES engine) Memory Management Unit (MMU) with increased number of 8 cache segments Low power and low voltage design using NXP Semiconductors’ handshaking technology Multiple source vectorized interrupt system with four priority levels Watch exception provides software debugging facility Multiple source RESET system Two 16-bit timers Highly reliable EEPROM for both data storage and program execution Bytewise EEPROM programming and read access Versatile EEPROM programming of 1 B to 64 B at a time or, optionally 1 B to 128 B at a time |
Similar Part No. - P5CD051A4 |
|
Similar Description - P5CD051A4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |