Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0X1UALD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0X1UALD
Description  Ultra low capacitance unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0X1UALD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0X1UALD Datasheet HTML 2Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 3Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 4Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 5Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 6Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 7Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 8Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 9Page - NXP Semiconductors PESD5V0X1UALD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PESD5V0X1UALD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 5 April 2011
6 of 12
NXP Semiconductors
PESD5V0X1UALD
Ultra low capacitance unidirectional ESD protection diode
Fig 6.
ESD clamping test setup and waveforms
50
Ω
RZ
CZ
DUT
(DEVICE
UNDER
TEST)
GND
GND
450
Ω
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 2 kV/div
horizontal scale = 15 ns/div
vertical scale = 2 kV/div
horizontal scale = 15 ns/div
GND
clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
006aac515
GND
clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 10 V/div
horizontal scale = 10 ns/div
vertical scale = 10 V/div
horizontal scale = 10 ns/div


Similar Part No. - PESD5V0X1UALD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0X1UALD NXP-PESD5V0X1UALD Datasheet
1Mb / 2P
   High-performance ESD protection for sensitive ICs
August 2012
PESD5V0X1UALD PHILIPS-PESD5V0X1UALD Datasheet
191Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-5 April 2011
logo
Nexperia B.V. All right...
PESD5V0X1UALD NEXPERIA-PESD5V0X1UALD Datasheet
755Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1 - 5 April 2011
PESD5V0X1UALD-Q NEXPERIA-PESD5V0X1UALD-Q Datasheet
230Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
4 October 2022
More results

Similar Description - PESD5V0X1UALD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD16VX1UL PHILIPS-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01-16 December 2009
logo
Nexperia B.V. All right...
PESD5V0C1USF NEXPERIA-PESD5V0C1USF Datasheet
681Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
PESD6V5C1USF NEXPERIA-PESD6V5C1USF Datasheet
237Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
21 January 2022
PESD16VX1UL NEXPERIA-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01 - 16 December 2009
PESD5V0X1UALD NEXPERIA-PESD5V0X1UALD Datasheet
755Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1 - 5 April 2011
PESD5V0X1ULD-Q NEXPERIA-PESD5V0X1ULD-Q Datasheet
230Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
23 August 2022
logo
NXP Semiconductors
PESD5V0X1ULD PHILIPS-PESD5V0X1ULD Datasheet
248Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
PESD5V0X1UAB PHILIPS-PESD5V0X1UAB_15 Datasheet
248Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
PESD5V0X1UB PHILIPS-PESD5V0X1UB_15 Datasheet
248Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
logo
Nexperia B.V. All right...
PESD5V0X1UB NEXPERIA-PESD5V0X1UB Datasheet
215Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
6 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com