Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF212HA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF212HA
Description  SPI Real time clock/calendar Time keeping application
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF212HA Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF212HA Datasheet HTML 1Page - NXP Semiconductors PCF212HA Datasheet HTML 2Page - NXP Semiconductors PCF212HA Datasheet HTML 3Page - NXP Semiconductors PCF212HA Datasheet HTML 4Page - NXP Semiconductors PCF212HA Datasheet HTML 5Page - NXP Semiconductors PCF212HA Datasheet HTML 6Page - NXP Semiconductors PCF212HA Datasheet HTML 7Page - NXP Semiconductors PCF212HA Datasheet HTML 8Page - NXP Semiconductors PCF212HA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
5 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
7.2 Pin description
[1]
The die paddle (exposed pad) is wired to VSS and should be electrically isolated.
[2]
The substrate (rear side of the die) is wired to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Description
HVQFN16
(PCF2123BS/1)
TSSOP14
(PCF2123TS/1)
PCF2123Ux
(bare die)
OSCI
16
1
7
oscillator input; high-impedance node; minimize wire length
between quartz and package
OSCO
1
2
8
oscillator output; high-impedance node; minimize wire length
between quartz and package
n.c.
6, 7, 14, 15
3, 11
-
do not connect and do not use as feed through; connect to
VDD if floating pins are not allowed
TEST
2
4
9
test pin; not user accessible; connect to VSS or leave floating
(internally pulled down)
INT
3
5
10
interrupt output (open-drain; active LOW)
CE
4
6
11
chip enable input (active HIGH) with internal pull down
VSS
5[1]
712[2]
ground
SDO
8
8
1
serial data output, push-pull; high-impedance when not
driving; can be connected to SDI for single wire data line
SDI
9
9
2
serial data input; may float when CE is inactive
SCL
10
10
3
serial clock input; may float when CE is inactive
CLKOE
11
12
4
CLKOUT enable or disable pin; enable is active HIGH
CLKOUT 12
13
5
clock output (open-drain)
VDD
13
14
6
supply voltage; positive or negative steps in VDD may affect
oscillator performance; recommend 100 nF decoupling close
to the device (see Figure 29)


Similar Part No. - PCF212HA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2120 NXP-PCF2120 Datasheet
85Kb / 14P
   Quartz oscillator
Rev. 01-5 February 2008
PCF2120TK NXP-PCF2120TK Datasheet
85Kb / 14P
   Quartz oscillator
Rev. 01-5 February 2008
PCF2120U NXP-PCF2120U Datasheet
85Kb / 14P
   Quartz oscillator
Rev. 01-5 February 2008
PCF21219DUGR NXP-PCF21219DUGR Datasheet
862Kb / 107P
   Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
More results

Similar Description - PCF212HA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com