Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF25GA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF25GA
Description  SPI Real time clock/calendar Time keeping application
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF25GA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF25GA Datasheet HTML 3Page - NXP Semiconductors PCF25GA Datasheet HTML 4Page - NXP Semiconductors PCF25GA Datasheet HTML 5Page - NXP Semiconductors PCF25GA Datasheet HTML 6Page - NXP Semiconductors PCF25GA Datasheet HTML 7Page - NXP Semiconductors PCF25GA Datasheet HTML 8Page - NXP Semiconductors PCF25GA Datasheet HTML 9Page - NXP Semiconductors PCF25GA Datasheet HTML 10Page - NXP Semiconductors PCF25GA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
7 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.1.2 Power consumptions with respect to timer mode
Four source clocks are possible for the timer. The 4.096 kHz source clock will add the
greatest part to the power consumption. The selection of 64 Hz, 1 Hz, or 1
60 Hz will be
almost indistinguishable and add very little.
Configuration: CLKOUT disabled, VDD = 3 V, timer clock set to 160 Hz.
(1) IDD (nA) minimum power mode.
(2) Maximum value for RS is 100 kΩ.
Fig 5.
IDD with respect to quartz RS
Rs(2) (k
Ω)
0
100
80
40
60
20
001aai558
130
170
90
210
250
IDD(1)
(nA)
50
Configuration: CLKOUT disabled, quartz RS =15kΩ.
(1) IDD (nA) minimum power mode.
(2) Timer clock = 4 kHz.
(3) Timer clock = 64 Hz, 1 Hz, 1
60 Hz.
Fig 6.
IDD with respect to timer clock selection
VDD (V)
0
6
4
2
001aai559
200
100
300
400
IDD(1)
(nA)
0
(2)
(3)


Similar Part No. - PCF25GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCF2512 ETC2-PCF2512 Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
TT Electronics.
PCF2512 TTELEC-PCF2512 Datasheet
813Kb / 6P
   precision thin film technology
logo
List of Unclassifed Man...
PCF2512H ETC2-PCF2512H Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
PCF2512P ETC2-PCF2512P Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
PCF2512X ETC2-PCF2512X Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
More results

Similar Description - PCF25GA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com