Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN420N10T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFN420N10T
Description  GigaMOS Trench HiperFET Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN420N10T Datasheet(HTML) 5 Page - IXYS Corporation

  IXFN420N10T Datasheet HTML 1Page - IXYS Corporation IXFN420N10T Datasheet HTML 2Page - IXYS Corporation IXFN420N10T Datasheet HTML 3Page - IXYS Corporation IXFN420N10T Datasheet HTML 4Page - IXYS Corporation IXFN420N10T Datasheet HTML 5Page - IXYS Corporation IXFN420N10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFN420N10T
Fig. 14. Resistive Turn-on Rise Time
vs. Drain Current
0
40
80
120
160
200
240
280
320
40
60
80
100
120
140
160
180
200
ID - Amperes
TJ = 25ºC
TJ = 125ºC
RG = 1Ω , VGS = 10V
VDS = 50V
Fig. 15. Resistive Turn-on Switching Times
vs. Gate Resistance
100
200
300
400
500
600
700
12
345
6
7
8
9
10
RG - Ohms
0
40
80
120
160
200
240
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 50V
I D = 100A
I D = 200A
Fig. 16. Resistive Turn-off Switching Times
vs. Junction Temperature
0
100
200
300
400
500
600
700
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
80
100
120
140
160
180
200
220
t f
td(off) - - - -
RG = 1Ω, VGS = 10V
VDS = 50V
I D = 100A
I D = 200A
Fig. 17. Resistive Turn-off Switching Times
vs. Drain Current
0
100
200
300
400
500
40
60
80
100
120
140
160
180
200
ID - Amperes
60
100
140
180
220
260
t f
td(off) - - - -
RG = 1Ω, VGS = 10V
VDS = 50V
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on Rise Time
vs. Junction Temperature
100
140
180
220
260
300
340
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 1Ω , VGS = 10V
VDS = 50V
I D = 200A
I D = 100A
Fig. 18. Resistive Turn-off Switching Times
vs. Gate Resistance
100
200
300
400
500
600
700
800
12
34
56
78
9
10
RG - Ohms
100
200
300
400
500
600
700
800
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 50V
I D = 200A
I D = 100A


Similar Part No. - IXFN420N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFN420N10T ISC-IXFN420N10T Datasheet
593Kb / 3P
   N-Channel MOSFET
More results

Similar Description - IXFN420N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN360N10T IXYS-IXFN360N10T Datasheet
181Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFK360N10T IXYS-IXFK360N10T Datasheet
188Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFK420N10T IXYS-IXFK420N10T Datasheet
186Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFZ140N25T IXYS-IXFZ140N25T Datasheet
153Kb / 5P
   GigaMOS HiperFET Power MOSFET
IXFN140N25T IXYS-IXFN140N25T Datasheet
125Kb / 5P
   GigaMOS HiperFET Power MOSFET
IXFN320N17T2 IXYS-IXFN320N17T2 Datasheet
184Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFZ520N075T2 IXYS-IXFZ520N075T2 Datasheet
205Kb / 6P
   TrenchT2 GigaMOS HiperFET Power MOSFET
IXFN520N075T2 IXYS-IXFN520N075T2 Datasheet
180Kb / 6P
   TrenchT2 GigaMOS HiperFET Power MOSFET
IXFK220N17T2 IXYS-IXFK220N17T2 Datasheet
184Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFK520N075T2 IXYS-IXFK520N075T2 Datasheet
183Kb / 6P
   TrenchT2 GigaMOS HiperFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com