Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CD016 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P5CD016
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD016 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P5CD016 Datasheet HTML 4Page - NXP Semiconductors P5CD016 Datasheet HTML 5Page - NXP Semiconductors P5CD016 Datasheet HTML 6Page - NXP Semiconductors P5CD016 Datasheet HTML 7Page - NXP Semiconductors P5CD016 Datasheet HTML 8Page - NXP Semiconductors P5CD016 Datasheet HTML 9Page - NXP Semiconductors P5CD016 Datasheet HTML 10Page - NXP Semiconductors P5CD016 Datasheet HTML 11Page - NXP Semiconductors P5CD016 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
8 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
2.3 Security features
Enhanced security sensors:
Low and high clock frequency sensor
Low and high temperature sensor
Low and high supply voltage sensor
Single Fault Injection (SFI) attack detection
Light sensors (included integrated memory light sensor functionality)
Secure Fetch technology, protecting ROM, RAM and EEPROM code fetch operations
Electronic fuses for safeguarded mode control
Active shielding
Unique ID for each die
Clock input filter for protection against spikes
Power-up and power-down reset
Optional programmable card disable feature
Memory security (encryption and physical measures) for RAM, EEPROM and ROM
Memory Management Unit (MMU) including memory protection:
Secure multi-application operating systems via two different operating modes:
System mode and User mode
OS-controlled access restriction mechanism to peripherals in User mode
Memory mapping up to 8 MB code memory
Memory mapping up to 8 MB data memory
Optional disabling of ROM read instructions by code executed in EEPROM
Optional disabling of any code execution out of RAM
EEPROM programming:
No external clock
Hardware sequencer controlled
On-chip high voltage generation
Enhanced error correction mechanism
64 B or 128 B EEPROM for customer-defined security FabKey, featuring batch-,
wafer- or die-individual security data, included encrypted diversification features on
request
14 B user write-protected security area in EEPROM (byte access, inhibit functionality
per byte)
32 B write-once security area in EEPROM (bit access)
32 B user read-only area in EEPROM (byte access)
Customer-specific EEPROM initialization available


Similar Part No. - P5CD016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD012 NXP-P5CD012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012A4 NXP-P5CD012A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012A6 NXP-P5CD012A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012UA NXP-P5CD012UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012UE NXP-P5CD012UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com