Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U12FBD201 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC11U12FBD201
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U12FBD201 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC11U12FBD201 Datasheet HTML 5Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 6Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 7Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 8Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 9Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 10Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 11Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 12Page - NXP Semiconductors LPC11U12FBD201 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
LPC11U1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 11 April 2011
9 of 64
NXP Semiconductors
LPC11U1x
32-bit ARM Cortex-M0 microcontroller
PIO0_4/SCL
10
15
G3
[4]
I; IA
I/O
PIO0_4 — General purpose digital input/output
pin (open-drain).
-I/O
SCL — I2C-bus clock input/output (open-drain).
High-current sink only if I2C Fast-mode Plus is
selected in the I/O configuration register.
PIO0_5/SDA
11
16
H3
[4]
I; IA
I/O
PIO0_5 — General purpose digital input/output
pin (open-drain).
-I/O
SDA — I2C-bus data input/output (open-drain).
High-current sink only if I2C Fast-mode Plus is
selected in the I/O configuration register.
PIO0_6/USB_CONNECT/
SCK0
15
22
H6
[3]
I; PU
I/O
PIO0_6 — General purpose digital input/output
pin.
-O
USB_CONNECT — Signal used to switch an
external 1.5 k
Ω resistor under software control.
Used with the SoftConnect USB feature.
-I/O
SCK0 — Serial clock for SSP0.
PIO0_7/CTS
16
23
G7
[5]
I; PU
I/O
PIO0_7 — General purpose digital input/output
pin (high-current output driver).
-I
CTS — Clear To Send input for USART.
PIO0_8/MISO0/
CT16B0_MAT0
17
27
F8
[3]
I; PU
I/O
PIO0_8 — General purpose digital input/output
pin.
-I/O
MISO0 — Master In Slave Out for SSP0.
-O
CT16B0_MAT0 — Match output 0 for 16-bit
timer 0.
PIO0_9/MOSI0/
CT16B0_MAT1
18
28
F7
[3]
I; PU
I/O
PIO0_9 — General purpose digital input/output
pin.
-I/O
MOSI0 — Master Out Slave In for SSP0.
-O
CT16B0_MAT1 — Match output 1 for 16-bit
timer 0.
SWCLK/PIO0_10/SCK0/
CT16B0_MAT2
19
29
E7
[3]
I; PU
I
SWCLK — Serial wire clock and test clock TCK
for JTAG interface.
-I/O
PIO0_10 — General purpose digital
input/output pin.
-O
SCK0 — Serial clock for SSP0.
-O
CT16B0_MAT2 — Match output 2 for 16-bit
timer 0.
TDI/PIO0_11/AD0/
CT32B0_MAT3
21
32
D8
[6]
I; PU
I
TDI — Test Data In for JTAG interface.
-I/O
PIO0_11 — General purpose digital input/output
pin.
-I
AD0 — A/D converter, input 0.
-O
CT32B0_MAT3 — Match output 3 for 32-bit
timer 0.
Table 3.
Pin description
Symbol
Reset
state
[1]
Type
Description


Similar Part No. - LPC11U12FBD201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U12FBD48 PHILIPS-LPC11U12FBD48 Datasheet
551Kb / 2P
   Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
LPC11U12FBD48.201 NXP-LPC11U12FBD48.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
More results

Similar Description - LPC11U12FBD201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC11U34 NXP-LPC11U34 Datasheet
1Mb / 76P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com