Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1769FBD100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC1769FBD100
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1769FBD100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC1769FBD100 Datasheet HTML 4Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 5Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 6Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 7Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 8Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 9Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 10Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 11Page - NXP Semiconductors LPC1769FBD100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
8 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
6.2 Pin description
Row J
1
P0[28]/SCL0/
USB_SCL
2
P0[27]/SDA0/
USB_SDA
3
P0[29]/USB_D+
4
P1[19]/MCOA0/
USB_PPWR/
CAP1[1]
5
P1[22]/MCOB0/
USB_PWRD/
MAT1[0]
6VSS
7
P1[28]/MCOA2/
PCAP1[0]/
MAT0[0]
8
P0[1]/TD1/RXD3/SCL1
9
P2[13]/EINT3/
I2STX_SDA
10
P2[10]/EINT0/NMI
11
-
12
-
Row K
1
P3[26]/STCLK/
MAT0[1]/PWM1[3]
2VDD(3V3)
3VSS
4
P1[20]/MCI0/
PWM1[2]/SCK0
5
P1[23]/MCI1/
PWM1[4]/MISO0
6
P1[26]/MCOB1/
PWM1[6]/CAP0[0]
7
P1[27]/CLKOUT
/USB_OVRCR/
CAP0[1]
8
P0[0]/RD1/TXD3/SDA1
9
P0[11]/RXD2/
SCL2/MAT3[1]
10
P2[12]/EINT2/
I2STX_WS
11
-
12
-
Table 3.
Pin allocation table …continued
Pin Symbol
Pin Symbol
Pin Symbol
Pin Symbol
Table 4.
Pin description
Symbol
Pin
Ball
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for
each bit. The operation of port 0 pins depends upon the pin function
selected via the pin connect block. Pins 12, 13, 14, and 31 of this port
are not available.
P0[0]/RD1/TXD3/
SDA1
46[1]
K8[1]
I/O
P0[0] — General purpose digital input/output pin.
I
RD1 — CAN1 receiver input. (LPC1769/68/66/65/64 only).
O
TXD3 — Transmitter output for UART3.
I/O
SDA1 — I2C1 data input/output. (This is not an I2C-bus compliant
open-drain pin).
P0[1]/TD1/RXD3/
SCL1
47[1]
J8[1]
I/O
P0[1] — General purpose digital input/output pin.
O
TD1 — CAN1 transmitter output. (LPC1769/68/66/65/64 only).
I
RXD3 — Receiver input for UART3.
I/O
SCL1 — I2C1 clock input/output. (This is not an I2C-bus compliant
open-drain pin).
P0[2]/TXD0/AD0[7] 98[2]
C4[2]
I/O
P0[2] — General purpose digital input/output pin.
O
TXD0 — Transmitter output for UART0.
I
AD0[7] — A/D converter 0, input 7.
P0[3]/RXD0/AD0[6] 99[2]
A2[2]
I/O
P0[3] — General purpose digital input/output pin.
I
RXD0 — Receiver input for UART0.
I
AD0[6] — A/D converter 0, input 6.


Similar Part No. - LPC1769FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1769FBD100 NXP-LPC1769FBD100 Datasheet
4Mb / 835P
   LPC17xx User manual
Rev. 01-4 January 2010
LPC1769FBD100 PHILIPS-LPC1769FBD100 Datasheet
828Kb / 82P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1769FBD100 PHILIPS-LPC1769FBD100 Datasheet
918Kb / 86P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
More results

Similar Description - LPC1769FBD100

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1768FBD100551 PHILIPS-LPC1768FBD100551 Datasheet
828Kb / 82P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1768 PHILIPS-LPC1768 Datasheet
311Kb / 72P
   32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1763FBD100551 PHILIPS-LPC1763FBD100551 Datasheet
918Kb / 86P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1769 NXP-LPC1769 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com