Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF40175B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF40175B
Description  Quad D-type flip-flop Complies with JEDEC standard JESD 13-B
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF40175B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF40175B_11 Datasheet HTML 4Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 5Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 6Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 7Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 8Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 9Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 10Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 11Page - NXP Semiconductors HEF40175B_11 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HEF40175B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 3 May 2011
8 of 15
NXP Semiconductors
HEF40175B
Quad D-type flip-flop
a. Input waveforms
b. Test circuit
Test and measurement data is given in Table 9
Definitions test circuit:
DUT = Device Under Test;
RT = Termination resistance should be equal to output impedance Zo of the pulse generator;
CL = Load capacitance including jig and probe capacitance.
Fig 6.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
90 %
10 %
tf
tr
tr
tf
001aaj781
VDD
VI
VO
001aag182
DUT
CL
RT
G
Table 9.
Measurement points and test data
Supply voltage
Input
Load
VDD
VI
tr, tf
CL
5 V to 15 V
VSS or VDD
≤ 20 ns
50 pF


Similar Part No. - HEF40175B_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40175B NXP-HEF40175B_10 Datasheet
139Kb / 15P
   Quad D-type flip-flop Standardized symmetrical output characteristics
Rev. 6-14 December 2010
More results

Similar Description - HEF40175B_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com