Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTD3306PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CBTD3306PW
Description  Dual bus switch with level shifting Multiple package options
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTD3306PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CBTD3306PW Datasheet HTML 2Page - NXP Semiconductors CBTD3306PW Datasheet HTML 3Page - NXP Semiconductors CBTD3306PW Datasheet HTML 4Page - NXP Semiconductors CBTD3306PW Datasheet HTML 5Page - NXP Semiconductors CBTD3306PW Datasheet HTML 6Page - NXP Semiconductors CBTD3306PW Datasheet HTML 7Page - NXP Semiconductors CBTD3306PW Datasheet HTML 8Page - NXP Semiconductors CBTD3306PW Datasheet HTML 9Page - NXP Semiconductors CBTD3306PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CBTD3306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product Specification
Rev. 5 — 28 April 2011
6 of 17
NXP Semiconductors
CBTD3306
Dual bus switch with level shifting
(1) ISW = 100
μA
(2) ISW = 6 mA
(3) ISW =12 mA
(4) ISW = 24 mA
Fig 10. Pass voltage versus supply voltage; Tamb =
−40 °C (typical)
001aak838
VCC (V)
4.4
5.6
5.2
4.8
2.8
2.4
3.2
3.6
Vpass
(V)
2.0
(1)
(3)
(2)
(4)


Similar Part No. - CBTD3306PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306PW PHILIPS-CBTD3306PW Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
logo
Nexperia B.V. All right...
CBTD3306PW NEXPERIA-CBTD3306PW Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
More results

Similar Description - CBTD3306PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
   Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Toshiba Semiconductor
TC7SBD384AFU TOSHIBA-TC7SBD384AFU Datasheet
178Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385AFU TOSHIBA-TC7SBD385AFU Datasheet
177Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
logo
Texas Instruments
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com