Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-218-R6C-AL1M2VY-3T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 19-218-R6C-AL1M2VY-3T
Description  0603 Package Chip LED (0.3mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-218-R6C-AL1M2VY-3T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  19-218-R6C-AL1M2VY-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-218-R6C-AL1M2VY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-04-30 21:26:10.0
19-218/R6C-AL1M2VY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 10
Device No. : DSE-0001313
Prepared date: 27-Apr-2009
Prepared by: Ashley Kuo
Typical Electro-Optical Characteristics Curves
Ta=25°C
Forward Voltage V (V)
-60
Forward Current Derating Curve
Ambient Temperature Ta (°C)
1
10
-20
-40
0 20
60
40
100
80
100
1000
Wavelength λ (nm)
Luminous Intensity vs.
Ambient Temperature
Spectrum Distribution
Forward Voltage
F
Ta=25°C
Forward Current vs.
10
1
10
100
1000
Forward Current I (mA)
0
10
1
10
2
F
Ta=25°C
Luminous Intensity vs.
Forward Current
30°
20°
Ta=25°C
10°
Radiation Diagram
40°
60°
50°
90°
80°
0.6
70°
0.2
0.1
0.5 0.3
0.4
1.0
0.8
0.9
0.7
Ambient Temperature Ta (°C)
500
25
0
50
75
100
550
600
650
700
1.2
0
10
20
25
30
40
50
2.8
2.0
1.6
2.4
3.0
0
10
0
20
30
25
40
50
40
20
60
100
85


Similar Part No. - 19-218-R6C-AL1M2VY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T Datasheet
177Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-R6C-FM2P1B7Y-3T TO-GRACE-19-218-R6C-FM2P1B7Y-3T Datasheet
698Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T_11 Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results

Similar Description - 19-218-R6C-AL1M2VY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
178Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-118-BHC-ZL1M2QY-3T EVERLIGHT-19-118-BHC-ZL1M2QY-3T Datasheet
142Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T_11 Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-R6C-FM2P1B7Y-3T TO-GRACE-19-218-R6C-FM2P1B7Y-3T Datasheet
698Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T TO-GRACE-19-218-T1D-CQ2R2TY-3T Datasheet
482Kb / 12P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T Datasheet
177Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T EVERLIGHT-19-218-T1D-CQ2R2TY-3T Datasheet
220Kb / 12P
   0603 Package Chip LED (0.3mm Height)
19-218-GHC-YR1S2M-3T EVERLIGHT-19-218-GHC-YR1S2M-3T Datasheet
172Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com