Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-218-BHC-ZL1M2QY-3T Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 19-218-BHC-ZL1M2QY-3T
Description  0603 Package Chip LED (0.3mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-218-BHC-ZL1M2QY-3T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 19-218-BHC-ZL1M2QY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-218-BHC-ZL1M2QY-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2008-09-20 00:15:56.0
EVERLIGHT ELECTRONICS CO.,LTD.
19-218/BHC-ZL1M2QY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 6 of 10
Device No. : DSE-198-B02
Prepared date: 05-Mar-2008
Prepared by: Ashley Kuo
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 19-218-BHC-ZL1M2QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results

Similar Description - 19-218-BHC-ZL1M2QY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-118-BHC-ZL1M2QY-3T EVERLIGHT-19-118-BHC-ZL1M2QY-3T Datasheet
142Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T_11 Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-R6C-FM2P1B7Y-3T TO-GRACE-19-218-R6C-FM2P1B7Y-3T Datasheet
698Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T TO-GRACE-19-218-T1D-CQ2R2TY-3T Datasheet
482Kb / 12P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-R6C-AL1M2VY-3T EVERLIGHT-19-218-R6C-AL1M2VY-3T Datasheet
208Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T Datasheet
177Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T EVERLIGHT-19-218-T1D-CQ2R2TY-3T Datasheet
220Kb / 12P
   0603 Package Chip LED (0.3mm Height)
19-218-GHC-YR1S2M-3T EVERLIGHT-19-218-GHC-YR1S2M-3T Datasheet
172Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com