Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1502SBLRP Datasheet(PDF) 2 Page - Littelfuse

Part # P1502SBLRP
Description  TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1502SBLRP Datasheet(HTML) 2 Page - Littelfuse

  P1502SBLRP Datasheet HTML 1Page - Littelfuse P1502SBLRP Datasheet HTML 2Page - Littelfuse P1502SBLRP Datasheet HTML 3Page - Littelfuse P1502SBLRP Datasheet HTML 4Page - Littelfuse P1502SBLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
45
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs
A
20
150
150
90
507575
45
7520
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
30
500
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T =2.2 A
Capacitance
@1MHz, 2V bias
V min
V max
mA min
mA max
A max
V max
pF min pF max
P0642SBLRP
P062B
58
77
120
800
2.2
8
25
45
P0722SBLRP
P072B
65
88
120
800
2.2
8
20
45
P0902SBLRP
P092B
75
98
120
800
2.2
8
20
40
P1102SBLRP
P112B
90
130
120
800
2.2
8
15
35
P1302SBLRP
P132B
120
160
120
800
2.2
8
15
35
P1502SBLRP
P152B
140
180
120
800
2.2
8
15
30
P1802SBLRP
P182B
170
220
120
800
2.2
8
10
30
P2302SBLRP
P232B
190
260
120
800
2.2
8
10
25
P2602SBLRP
P262B
220
300
120
800
2.2
8
10
25
P3002SBLRP
P302B
280
360
120
800
2.2
8
10
25
P3502SBLRP
P352B
320
400
120
800
2.2
8
10
20
P4202SBLRP
P422B
380
500
120
800
2.2
8
10
20
P4802SBLRP
P482B
440
600
120
800
2.2
8
5
20
P6002SBLRP
P602B
550
700
120
800
2.2
8
5
20
P3002SCLRP
P302C
280
360
120
800
2.2
8
20
35
P3502SCLRP
P352C
320
400
120
800
2.2
8
20
30
P4202SCLRP
P422C
380
500
120
800
2.2
8
15
30
P4802SCLRP
P482C
440
600
120
800
2.2
8
15
30
P6002SCLRP
P602C
550
700
120
800
2.2
8
10
25
Electrical Characteristics (continued)
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - P1502SBLRP

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P1502SB SOCAY-P1502SB Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results

Similar Description - P1502SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2602GALRP LITTELFUSE-P2602GALRP Datasheet
140Kb / 4P
   TwinChip??Series DO-15 are very low capacitance SIDACtor짰 devices
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com