Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1004 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # GBJ1004
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBJ1004 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  GBJ1004 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBJ1004 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
GBJ10005 thru GBJ1010
~ 499 ~
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
10
1.8
TJ = 25°C
PULSE WIDTH 300us
1000
100
10
1.0
0.1
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=100°C
TJ=50°C
TJ=25°C
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
1.0
1.0
10
100
TJ=25°C,f=1MHZ
CASE TEMPERATURE, ℃
FIG.1-FORWARD CURRENT DERATING CURVE
20
100
0
140
10.0
8.0
6.0
4.0
1.0
2.0
120
80
60
40
WITHOUT HEATSINK
WITH HEATSINK
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
TJ=150°C
(JEDEC METHOD)
SINGLE -SINE- WAVE
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXMUN NON-REPETITIVE
SURGE CURRENT
150
300
100
250
200
50
0
1
2
5
10
20
50
100
TJ=150°C
SINGLE -SINE- WAVE


Similar Part No. - GBJ1004

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
GBJ1004 FS-GBJ1004 Datasheet
126Kb / 2P
   Bridge Rectifier
logo
Diodes Incorporated
GBJ1004 DIODES-GBJ1004 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
Micro Commercial Compon...
GBJ1004 MCC-GBJ1004 Datasheet
110Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Chip Integration Techno...
GBJ1004 CITC-GBJ1004 Datasheet
94Kb / 3P
   10A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
GBJ1004 SAMYANG-GBJ1004 Datasheet
1Mb / 3P
   Bridge Rectifiers
More results

Similar Description - GBJ1004

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com