Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK301-220 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK301-220
Description  7-band, 2-channel Electronic Graphic Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK301-220 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK301-220 Datasheet HTML 1Page - Sanyo Semicon Device STK301-220 Datasheet HTML 2Page - Sanyo Semicon Device STK301-220 Datasheet HTML 3Page - Sanyo Semicon Device STK301-220 Datasheet HTML 4Page - Sanyo Semicon Device STK301-220 Datasheet HTML 5Page - Sanyo Semicon Device STK301-220 Datasheet HTML 6Page - Sanyo Semicon Device STK301-220 Datasheet HTML 7Page - Sanyo Semicon Device STK301-220 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview
The STK301-220 is a hybrid IC (HIC) for electronically
controlled graphic equalizer applications and is equipped
with on-chip electronic volume control for 7-band, 2-
channel graphic equalization, thereby permitting one-
touch up-down control of all band gains. The STK301-
220 is a hybrid IC which combines SC system and
photoresist techniques with folded board construction
while incorporating Sanyo’s unique insulated metal
substrate technology (IMST) to the base.
Applications
• Car stereos
• Portable radio-cassette players
• Home stereos
Features
• All bands are set for L/R simultaneous 2 dB incremental
operation (typ).
• All bands are equipped with 13 positions and range
between +12 dB maximum boost to –12 dB maximum cut.
• Crossover frequencies include fo; 60 Hz, 150 Hz,
400 Hz, 1 kHz, 2.5 kHz, 6 kHz and 15 kHz.
• The following features can be made available with an
electronic graphic equalizer system which incorporates
the 3-IC construction consisting of the STK301-220, a
controller (universal microcontroller) along with the
display LSI (LC75821
→LCD, LC7565→FLT, LED):
— One-touch up-down control of all band gains.
— Immediate recall of preferred frequency levels tailored
to suit musical selections. This is possible using preset
functions to retrieving items from one-touch memory.
— Such functions as setting all bands to 0 dB (flat
function), or switching frequency characteristics
from 0 dB to center (reverse function) may be
simply performed with supported software.
— Dual control lines permit mutual use with display
LSI and help to simplify wiring between
microcontroller and LSI.
• Minimal operating shock noise when boost or cut is used.
Package Dimensions
unit : mm
4143
Thick-Film Hybrid IC
N3096HA (OT)/82294TH (OT) 5-3398 No. 4793-1/8
[STK301-220]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
7-band, 2-channel Electronic Graphic Equalizer
STK301-220
Ordering number : EN4793A
Specifications
Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
VDD-VEE max
16
V
Maximum supply voltage
VCC1 max
±18 (36)
V
VCC2 max
7V
Input voltage
VI1
CLK, DI, IN1, IN2
0 to VCC2 + 0.3
V
VI2
CLK, DI, IN1, IN2
VEE – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
920
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +100
°C


Similar Part No. - STK301-220

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK301-090 SANYO-STK301-090 Datasheet
206Kb / 9P
   7-Band,2-Channel Electronic Graphic Equalizer
More results

Similar Description - STK301-220

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK301-090 SANYO-STK301-090 Datasheet
206Kb / 9P
   7-Band,2-Channel Electronic Graphic Equalizer
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
   77 Band Graphic Equalizer (Stereo)
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
   77 Band Graphic Equalizer (Stereo)
logo
New Japan Radio
NJU7305 NJRC-NJU7305 Datasheet
251Kb / 8P
   7-BAND EVR FOR GRAPHIC EQUALIZER
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
   Seven Band Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com