Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-213-R6C-AN2Q1B-3T Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 19-213-R6C-AN2Q1B-3T
Description  0603 Package Chip LED (0.6mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-R6C-AN2Q1B-3T Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 19-213-R6C-AN2Q1B-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-213-R6C-AN2Q1B-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
19-213/R6C-AN2Q1B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 10 of 10
Device No. :DSE-0002401
Prepared date:18-Sep-2009
Prepared by:
Wuhongmei
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of the
hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 19-213-R6C-AN2Q1B-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-213-R6C-AN2Q1B-3T TO-GRACE-19-213-R6C-AN2Q1B-3T Datasheet
1,013Kb / 10P
   0603 Package Chip LED (0.6mm Height)
More results

Similar Description - 19-213-R6C-AN2Q1B-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-G6C-AP1Q2-3T EVERLIGHT-19-213-G6C-AP1Q2-3T Datasheet
205Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-AP1Q2B-3T EVERLIGHT-19-213-Y2C-AP1Q2B-3T Datasheet
159Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CQ1R2-3T EVERLIGHT-19-213-Y2C-CQ1R2-3T Datasheet
131Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-R6C-AP1Q2B-3T EVERLIGHT-19-213-R6C-AP1Q2B-3T Datasheet
206Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-Y2C-CP1Q2L-3T TO-GRACE-19-213-Y2C-CP1Q2L-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-AP1Q2B-3T TO-GRACE-19-213-Y2C-AP1Q2B-3T Datasheet
902Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213A-T1D-CP2Q2HY-3T EVERLIGHT-19-213A-T1D-CP2Q2HY-3T Datasheet
149Kb / 12P
   0603 Package Chip LED (0.6mm Height)
19-213-S2C-AN1P2B-3T EVERLIGHT-19-213-S2C-AN1P2B-3T Datasheet
140Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-CN1P2-3T EVERLIGHT-19-213-Y2C-CN1P2-3T Datasheet
156Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
TAITRON Components Inco...
TSP1-BF1608H6-L1M2Y TAITRON-TSP1-BF1608H6-L1M2Y Datasheet
385Kb / 9P
   0603 PACKAGE CHIP LED (0.6mm HEIGHT)
logo
Everlight Electronics C...
60-21-R6C-AQ1R1B-3T EVERLIGHT-60-21-R6C-AQ1R1B-3T Datasheet
152Kb / 11P
   0603 Package Chip LED (0.6mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com