Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK30N110P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK30N110P
Description  Polar Power MOSFET HiPerFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK30N110P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK30N110P Datasheet HTML 1Page - IXYS Corporation IXFK30N110P Datasheet HTML 2Page - IXYS Corporation IXFK30N110P Datasheet HTML 3Page - IXYS Corporation IXFK30N110P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1100
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C30
A
I
DM
T
C = 25°C, pulse width limited by TJM
75
A
I
AR
T
C = 25°C15
A
E
AS
T
C = 25°C
1.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
15
V/ns
P
D
T
C = 25°C
960
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque
(IXFK)
1.13/10
Nm/lb.in.
F
C
Mounting force
(IXFX)
20..120 /4.5..27
N/lb
Weight
(IXFK)
10
g
(IXFX)
6
g
G = Gate
D = Drain
S = Source
TAB = Drain
PolarTM Power MOSFET
HiPerFETTM
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
Fast intrinsic diode
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
IXFK30N110P
IXFX30N110P
V
DSS
=
1100V
I
D25
=
30A
R
DS(on)
≤≤≤≤
360m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
300ns
DS99855B(04/08)
PLUS247 (IXFX)
TO-264 (IXFK)
S
G
D
(TAB)
(TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1100
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.5
6.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 200
nA
I
DSS
V
DS = VDSS
50
μA
V
GS = 0V
T
J = 125°C
2.5
mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
360
m
Ω
Applications:
High Voltage Switched-mode and
resonant-mode power supplies
High Voltage Pulse Power Applications
High Voltage Discharge circuits in
Lasers Pulsers, Spark Igniters, RF
Generators
High Voltage DC-DC converters
High Voltage DC-AC inverters


Similar Part No. - IXFK30N110P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK30N100 ISC-IXFK30N100 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFK30N100Q2 IXYS-IXFK30N100Q2 Datasheet
588Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFK30N100Q2 IXYS-IXFK30N100Q2_08 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs Q2-Class
More results

Similar Description - IXFK30N110P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
   Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
   Polar HiPerFET Power MOSFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
   Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
   Polar HiperFET Power MOSFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN56N90P IXYS-IXFN56N90P Datasheet
120Kb / 4P
   Polar Power MOSFET HiPerFET
IXFK170N20P IXYS-IXFK170N20P Datasheet
149Kb / 5P
   Polar Power MOSFET HiperFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com