Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T10B270BXX Datasheet(PDF) 1 Page - Littelfuse

Part # T10B270BXX
Description  T10B Series are SIDACtor짰 devices designed protect baseband equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10B270BXX Datasheet(HTML) 1 Page - Littelfuse

  T10B270BXX Datasheet HTML 1Page - Littelfuse T10B270BXX Datasheet HTML 2Page - Littelfuse T10B270BXX Datasheet HTML 3Page - Littelfuse T10B270BXX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
180
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
T10B Series - DO-201
Electrical Characteristics
T10B Series are SIDACtor® devices designed protect
baseband equipment such as modems, line cards, CPE and
DSL from damaging overvoltage transients.
The series provides a robust and cost effective through-
hole solution that enables equipment to comply with global
regulatory standards
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
High Surge Current
Rating
Agency Approvals
Agency
Agency File Number
E128662
Pinout Designation
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
Not Applicable
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amp
Capacitance
@1MHZ, 2V Bias
V Min
V Max
mA Min mA Max A Max
V Max
pF
T10B080Bxx
T10B080B
70
125
120
800
2.2
4
60
T10B110Bxx
T10B110B
100
142
120
800
2.2
4
55
T10B140Bxx
T10B140B
120
178
120
800
2.2
4
48
T10B180Bxx
T10B180B
170
220
120
800
2.2
4
44
T10B220Bxx
T10B220B
200
275
120
800
2.2
4
41
T10B270Bxx
T10B270B
240
370
120
800
2.2
4
36
T10B080Exx
T10B080E
70
125
180
800
2.2
4
60
T10B110Exx
T10B110E
100
142
180
800
2.2
4
55
T10B140Exx
T10B140E
120
178
180
800
2.2
4
48
T10B180Exx
T10B180E
170
220
180
800
2.2
4
44
T10B220Exx
T10B220E
200
275
180
800
2.2
4
41
T10B270Exx
T10B270E
240
370
180
800
2.2
4
36
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- XX Part Number Suffix: ‘RP’ (Reel Pack), Blank (Bulk Pack), or ‘60’ (Type 60 lead form, Bulk Pack)
Schematic Symbol


Similar Part No. - T10B270BXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B270B LITTELFUSE-T10B270B Datasheet
143Kb / 2P
   SIDAtor Device
More results

Similar Description - T10B270BXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com