Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T10A062XX Datasheet(PDF) 4 Page - Littelfuse

Part # T10A062XX
Description  T10A Series are SIDACtor짰 devices designed protect baseband
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10A062XX Datasheet(HTML) 4 Page - Littelfuse

  T10A062XX Datasheet HTML 1Page - Littelfuse T10A062XX Datasheet HTML 2Page - Littelfuse T10A062XX Datasheet HTML 3Page - Littelfuse T10A062XX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIDACtor® ProtectionThyristors
179
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Packing Options
PackageType
Description
Packaging Quantity
Added Suffix
Industry Standard
T10A
DO-15 Tape and Reel Pack
1000
RP
EIA-RS-296-D
DO-15 Bulk Pack
500
N/A
N/A
Tape and Reel Specification— DO-15
Spacing
off center,
either side
0.039 (1.0)
B
C
A
D
E
recess depth max 0.75”
2.55
(64.8)
TYP
3.15
(80.0)
TYP
Dimensions
are in inches
(and millimeters).
Direction of Feed
G
F
Symbols
Description
Inches
MM
A
Component Spacing
(lead to lead)
5.08 ± 0.508
B
Inner Tape Pitch
52.37 ± 1.498
C
Tape Width
6.35
D
Max. Off Alignment
1.219
E
Reel Dimension
330.2
F
Max. Hub Recess
76.19
G
Max. Abor Hole
17.27
Part Marking
Part Numbering
MEDIAN VOLTAGE
PACKING OPTIONS
Blank: Bulk
RP: Reel Pack
TYPE
T10A = SIDACtor T10A series
T10A xxx x xx
HOLDING CURRENT:
Blank: 150mA
B: 120mA
E: 180mA
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Date Code
Dimensions — DO-15
L
L
G
D
B
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
B
0.028
0.034
0.711
0.864
D
0.12
0.14
3.048
3.556
G
0.235
0.27
5.969
6.858
L
1
25.4


Similar Part No. - T10A062XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A062 LITTELFUSE-T10A062 Datasheet
68Kb / 1P
   Glass passivated junction
T10A062 LITTELFUSE-T10A062 Datasheet
143Kb / 2P
   SIDACtor Devices
More results

Similar Description - T10A062XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com