Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX55M Datasheet(PDF) 9 Page - Littelfuse

Part # SXX55M
Description  Excellent unidirectional switches for phase control applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX55M Datasheet(HTML) 9 Page - Littelfuse

  SXX55M Datasheet HTML 1Page - Littelfuse SXX55M Datasheet HTML 2Page - Littelfuse SXX55M Datasheet HTML 3Page - Littelfuse SXX55M Datasheet HTML 4Page - Littelfuse SXX55M Datasheet HTML 5Page - Littelfuse SXX55M Datasheet HTML 6Page - Littelfuse SXX55M Datasheet HTML 7Page - Littelfuse SXX55M Datasheet HTML 8Page - Littelfuse SXX55M Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
303
Revised: December 9, 2010 02:31 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
55 Amp Standard SCRs
Sxx55x Series
TO-263 Embossed Carrier Reel Pack (RP) Specification
Gate
Cathode
Anode
0.512 (13.0) Arbor
Hole Dia.
0.945
(24.0)
0.63
(16.0)
1.01
(25.7)
12.99
(330.0)
0.827
(21.0)
0.157
(4.0)
Direction of Feed
Dimensions
are in inches
(and millimeters).
*
* Cover tape
0.059
DIA
(1.5)
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
56
DEVICE TYPE
S: SCR
xx: Lead Form Option
PACKAGE TYPE
R: TO-220 (Non-isolated)
M: TO-218AC (Non-isolated)
W: TO-218X (Non-isolated)
N: TO-263 (D
CURRENT RATING
Lead Form Dimensions
55: 55A
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
SENSITIVITY & TYPE
S60 55 R
[blank]: 40mA
2 - Pak)
TO-218AC - (M Package)
TO-218X - (W Package)
®
YMXXX
S6055M
®
M
Y
S6055R


Similar Part No. - SXX55M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS2 LITTELFUSE-SXX04DS2 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04VS1 LITTELFUSE-SXX04VS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04VS2 LITTELFUSE-SXX04VS2 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06D LITTELFUSE-SXX06D Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - SXX55M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com