Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX65K Datasheet(PDF) 2 Page - Littelfuse

Part # SXX65K
Description  Excellent unidirectional switches for phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX65K Datasheet(HTML) 2 Page - Littelfuse

  SXX65K Datasheet HTML 1Page - Littelfuse SXX65K Datasheet HTML 2Page - Littelfuse SXX65K Datasheet HTML 3Page - Littelfuse SXX65K Datasheet HTML 4Page - Littelfuse SXX65K Datasheet HTML 5Page - Littelfuse SXX65K Datasheet HTML 6Page - Littelfuse SXX65K Datasheet HTML 7Page - Littelfuse SXX65K Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
306
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
I
GT
V
D = 12V; RL = 30
MAX.
50
mA
MIN.
5
V
GT
MAX.
2.0
V
dv/dt
V
D = VDRM; gate open; TJ = 100°C
400V
MIN.
650
V/μs
600V
600
800V
500
1000V
250
V
D = VDRM; gate open; TJ = 125°C
400V
550
600V
500
800V
475
V
GD
V
D = VDRM; RL = 3.3 k
; T
J = 125°C
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
80
mA
t
q
(1)
MAX.
35
μs
t
gt
I
G = 2 x IGT; PW = 15μs; IT = 140A
TYP.
2.5
μs
Note :
(1) I
T=2A; tp=50μs; dv/dt=5V/μs; di/dt=-30A/μs
Thermal Resistances
Symbol
Parameter
Value
Unit
R
(J-C)
Junction to case (AC)
Sxx65J
Sxx65K
0.86
°C/W
Sxx70W
0.6
Note: xx = voltage
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
65A Device I
T = 130A; tp = 380μs
MAX.
1.8
V
70A Device I
T = 140A; tp = 380μs
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
400 – 800V
MAX.
20
μA
1000 V
30
T
J = 100°C
400 – 600V
1500
800V
2000
1000V
5000
T
J = 125°C
400V – 600V
3000
800V
5000


Similar Part No. - SXX65K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Sxx65x Sxx70x Series
More results

Similar Description - SXX65K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com