Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1201UCLTP Datasheet(PDF) 1 Page - Littelfuse

Part # B1201UCLTP
Description  The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

B1201UCLTP Datasheet(HTML) 1 Page - Littelfuse

  B1201UCLTP Datasheet HTML 1Page - Littelfuse B1201UCLTP Datasheet HTML 2Page - Littelfuse B1201UCLTP Datasheet HTML 3Page - Littelfuse B1201UCLTP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
118
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Battrax® Series - Single Port Negative - MS-013
1
3
2
5
(T)
(-VREF)
(R)
(G)
6 (No Connect)
4 (No Connect)
Electrical Characteristics
The Battrax® series offers programmable SIDACtor®
overvoltage protection devices for SLIC applications.
The Single Port Negative Battrax Series provides a
programmable device that is referenced to a negative
voltage souce while internal diodes provide protection
from positive surge events.
Description
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Single-port protection
Gate triggered tracking
device
Integrated diodes for
positive voltage
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
V
F
Capacitance*
V min
V max
mA min mA max
A max
V max
V max
pF min pF max
B1101UCLxx
B1101UC I-V
REF
I-V
REF
100
100
2.2
4
5
30
200
B1161UCLxx
B1161UC I-V
REF
I-V
REF
160
100
2.2
4
5
30
200
B1201UCLxx
B1201UC I-V
REF
I-V
REF
200
100
2.2
4
5
30
200
1
2
3
6
5
4
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are uni-directional
- All electrical characteristics shown are defined from Tip (pin 1) to Ground (pin 5), and Ring
(pin 3) to Ground (pin 5)
- V
REF Max Value for the negative Battrax is -200 V.
- XX = Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).
* Off-state capacitance (C
O) is measured across pins 1 & 5 and 3 & 5
at 1 MHz with a 2V bias.


Similar Part No. - B1201UCLTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1201UCL LITTELFUSE-B1201UCL Datasheet
161Kb / 2P
   Single Port Negative SLIC Protector
More results

Similar Description - B1201UCLTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1100CALRP LITTELFUSE-B1100CALRP Datasheet
146Kb / 4P
   The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
P0080EBL LITTELFUSE-P0080EBL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
   The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
logo
Schurter Inc.
KPS SCHURTER-KPS Datasheet
77Kb / 2P
   The overvoltage protection element diverts overvoltages
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
   Overvoltage Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com