Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX16NRP Datasheet(PDF) 8 Page - Littelfuse

Part # SXX16NRP
Description  Excellent unidirectional switches for phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX16NRP Datasheet(HTML) 8 Page - Littelfuse

  SXX16NRP Datasheet HTML 1Page - Littelfuse SXX16NRP Datasheet HTML 2Page - Littelfuse SXX16NRP Datasheet HTML 3Page - Littelfuse SXX16NRP Datasheet HTML 4Page - Littelfuse SXX16NRP Datasheet HTML 5Page - Littelfuse SXX16NRP Datasheet HTML 6Page - Littelfuse SXX16NRP Datasheet HTML 7Page - Littelfuse SXX16NRP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
268
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 and 16 Amp Standard SCRs
Sxx15x & Sxx16x Series
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx15L
X
X
X
X
30mA
Standard SCR
TO-220L
Sxx16R
X
X
X
X
30mA
Standard SCR
TO-220R
Sxx16N
X
X
X
X
30mA
Standard SCR
TO-263
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx15L
Sxx15L
2.2 g
Bulk
500
Sxx15LTP
Sxx15L
2.2 g
Tube
500 (50 per tube)
Sxx16R
Sxx16R
2.2 g
Bulk
500
Sxx16RTP
Sxx16R
2.2 g
Tube
500 (50 per tube)
Sxx16NTP
Sxx16N
1.6 g
Tube
500 (50 per tube)
Sxx16NRP
Sxx16N
1.6 g
Embossed Carrier
500
Note: xx = Voltage
Gate
Cathode
Anode
0.512 (13.0)
Arbor Hole
Diameter
0.945
(24.0)
0.63
(16.0)
1.01
(25.7)
12.99
(330.0)
0.827
(21.0)
0.157
(4.0)
Direction of Feed
Dimensions
are in inches
(and millimeters).
*
*Cover tape
0.059
DIA
(1.5)
TO-263 Embossed Carrier Reel Pack (RP) Specs
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
S 60 16 R
56
DEVICE TYPE
S: SCR
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
15: 15A
16: 16A
SENSITIVITY & TYPE
(blank): 30mA
PACKAGE TYPE
L: TO-220 Isolated
R: TO-220 Non-Isolated
N: TO-263 (D2-Pak)
LEAD FORM DIMENSIONS
xx: Lead Form Option
®
®
MY
M
Y
Sxx16R
Sxx16L


Similar Part No. - SXX16NRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx16NRP LITTELFUSE-Sxx16NRP Datasheet
624Kb / 8P
   RoHS compliant
More results

Similar Description - SXX16NRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com