Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX16NTP Datasheet(PDF) 2 Page - Littelfuse

Part # SXX16NTP
Description  Excellent unidirectional switches for phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX16NTP Datasheet(HTML) 2 Page - Littelfuse

  SXX16NTP Datasheet HTML 1Page - Littelfuse SXX16NTP Datasheet HTML 2Page - Littelfuse SXX16NTP Datasheet HTML 3Page - Littelfuse SXX16NTP Datasheet HTML 4Page - Littelfuse SXX16NTP Datasheet HTML 5Page - Littelfuse SXX16NTP Datasheet HTML 6Page - Littelfuse SXX16NTP Datasheet HTML 7Page - Littelfuse SXX16NTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
262
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 and 16 Amp Standard SCRs
Sxx15x & Sxx16x Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
Sxx15x
Sxx16x
I
GT
V
D = 12V; RL = 60 Ω
MAX.
30
mA
MIN.
1
V
GT
MAX.
1.5
V
dv/dt
V
D = VDRM; gate open; TJ = 100°C
400V
MIN.
450
V/μs
600V
425
800V
400
1000V
200
V
D = VDRM; gate open; TJ = 125°C
400V
350
600V
325
800V
300
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 110°C
MIN.
0.2
V
I
H
I
T = 200mA (initial)
MAX.
40
mA
t
q
I
T=2A; tp=50µs; dv/dt=5V/µs; di/dt=-30A/µs
MAX.
35
μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 12A
TYP.
2
μs
Note: xx = voltage, x = package
(1) I
T=2A; tp=50µs; dv/dt=5V/µs; di/dt=-30A/µs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
15A Device I
T = 30A; tp = 380 µs
MAX.
1.6
V
16A Device I
T = 32A; tp = 380 µs
I
DRM / IRRM
V
DRM = VRRM
T
J = 25°C
400 - 600V
MAX.
10
μA
800 - 1000V
20
T
J = 100°C
400 - 600V
500
800V
1000
1000V
3000
T
J = 125°C
400 - 600V
1000
800V
2000
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Sxx16R/ Sxx16N
1.1
°C/W
Sxx15L
2.5
R
θ(J-A)
Junction to ambient
Sxx16R
40
°C/W
Sxx15L
50
Note: xx = voltage


Similar Part No. - SXX16NTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx16NTP LITTELFUSE-Sxx16NTP Datasheet
624Kb / 8P
   RoHS compliant
More results

Similar Description - SXX16NTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com