Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX12DTP Datasheet(PDF) 4 Page - Littelfuse

Part # SXX12DTP
Description  Excellent unidirectional switches for phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX12DTP Datasheet(HTML) 4 Page - Littelfuse

  SXX12DTP Datasheet HTML 1Page - Littelfuse SXX12DTP Datasheet HTML 2Page - Littelfuse SXX12DTP Datasheet HTML 3Page - Littelfuse SXX12DTP Datasheet HTML 4Page - Littelfuse SXX12DTP Datasheet HTML 5Page - Littelfuse SXX12DTP Datasheet HTML 6Page - Littelfuse SXX12DTP Datasheet HTML 7Page - Littelfuse SXX12DTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
256
Revised: July 29, 2010 09:54 AM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
12 Amp Standard SCRs
Sxx12x Series
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
Figure 7: Maximum Allowable Case Temperature
vs. Average On-State Current
95
100
105
110
115
120
125
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
0
1
2
3
4
5
6
7
8
Average On-State Current [I
T(AVE)] - Amps
95
100
105
110
115
120
125
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
0
2
4
6
8
10
12
14
RMS On-State Current [I
T(RMS)] - Amps
Figure 8: Maximum Allowable Ambient Temperature
vs. RMS On-State Current
0
20
40
60
80
100
120
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Sxx12V
Sxx12R
0.0
0.5
1.0
1.5
2.0
2.5
RMS On-State Current [I
T(RMS)] - Amps
Figure 9: Maximum Allowable Ambient Temperature
vs. Average On-State Current
0
20
40
60
80
100
120
5
.
1
0
.
1
5
.
0
0
.
0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Sxx12R
Sxx12V
Average On-State Current [I
T(AVE)] - Amps
Figure 10: Peak Capacitor Discharge Current
10
100
1000
0
.
0
5
0
.
5
2
0
.
5
5
.
0
Pulse Current Duration (t
w) - ms
I
TRM
t
W
Figure 11: Peak Capacitor Discharge Current Derating
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
Case Temperature (T
C) - °C


Similar Part No. - SXX12DTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx12DTP LITTELFUSE-Sxx12DTP Datasheet
738Kb / 9P
   RoHS compliant
More results

Similar Description - SXX12DTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com