Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX10DS2 Datasheet(PDF) 3 Page - Littelfuse

Part # SXX10DS2
Description  Excellent unidirectional switches for phase control and general switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX10DS2 Datasheet(HTML) 3 Page - Littelfuse

  SXX10DS2 Datasheet HTML 1Page - Littelfuse SXX10DS2 Datasheet HTML 2Page - Littelfuse SXX10DS2 Datasheet HTML 3Page - Littelfuse SXX10DS2 Datasheet HTML 4Page - Littelfuse SXX10DS2 Datasheet HTML 5Page - Littelfuse SXX10DS2 Datasheet HTML 6Page - Littelfuse SXX10DS2 Datasheet HTML 7Page - Littelfuse SXX10DS2 Datasheet HTML 8Page - Littelfuse SXX10DS2 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
243
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx10xSx & Sxx10x Series
10 Amp Sensitive & Standard SCRs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) – Sensitive SCRs
Symbol
Test Conditions
Value
Unit
Sxx10xS2
Sxx10xS3
I
V
D = 6V
R
L = 100
MAX.
200
500
μA
V
MAX.
0.8
V
dv/dt
V
D = VDRM;
R
= 1k
; T
J = 110°C
TYP.
8
V/μs
V
V
D = VDRM;
R
L = 3.3 k
; T
J = 110°C
MIN.
0.2
V
V
I
= 10μA
MIN.
6
V
I
I
T = 20mA (initial)
MAX.
6
8
mA
t
q
(1)
MAX.
50
45
μs
t
gt
I = 2 x I ; PW = 15μs; I
T = 12A
TYP.
4
5
μs
NOTE: xx = voltage, x = package
(1) I
T=2A; tp=50μs; dv/dt=5V/μs; di/dt=-30A/μs
Symbol
Test Conditions
Value
Unit
Sxx10x
I
V
D = 12V
R
L = 60
MAX.
15
mA
V
MAX.
1.5
V
dv/dt
V
D = VDRM;
gate open; T
J = 100°C
400V
MIN.
350
V/μs
600V
300
800V
250
1000V
100
V
D = VDRM;
gate open; T
J = 125°C
400V
250
600V
225
800V
200
V
V
D = VDRM;
R
L = 3.3 k
; T
J = 125°C
MIN.
0.2
V
I
I
T = 200mA (initial)
MAX.
30
mA
t
q
(1)
MAX.
35
μs
t
gt
I = 2 x I ; PW = 15μs; I
T = 20A
TYP.
2
μs
NOTE: xx = voltage, x = package
(1) I
T=2A; tp=50μs; dv/dt=5V/μs; di/dt=-30A/μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) – Standard SCRs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 20A;
t
p = 380 μs
MAX.
1.6
V
I
DRM / IRRM
V
DRM / VRRM
Sxx10xyy
T
J = 25°C
400 - 600V
MAX.
5
μA
T
J = 110°C
400 - 600V
250
Sxx10x
T
J = 25°C
400 - 800V
10
1000V
20
T
J = 100°C
400 - 800V
200
1000V
3000
T
J = 125°C
400 - 800V
500
Note: xx = voltage, x = package, yy = sensitivity


Similar Part No. - SXX10DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx12D LITTELFUSE-Sxx12D Datasheet
738Kb / 9P
   RoHS compliant
SXX12DRP LITTELFUSE-SXX12DRP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DRP LITTELFUSE-Sxx12DRP Datasheet
738Kb / 9P
   RoHS compliant
SXX12DTP LITTELFUSE-SXX12DTP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DTP LITTELFUSE-Sxx12DTP Datasheet
738Kb / 9P
   RoHS compliant
More results

Similar Description - SXX10DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com